Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 121Page - STMicroelectronics ST92196A Datasheet HTML 122Page - STMicroelectronics ST92196A Datasheet HTML 123Page - STMicroelectronics ST92196A Datasheet HTML 124Page - STMicroelectronics ST92196A Datasheet HTML 125Page - STMicroelectronics ST92196A Datasheet HTML 126Page - STMicroelectronics ST92196A Datasheet HTML 127Page - STMicroelectronics ST92196A Datasheet HTML 128Page - STMicroelectronics ST92196A Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 268 page
background image
125/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
Figure 59. OSDRAM Mapping
2n+b
2n
2p+a
2p
Row Buffer 1
Row Buffer 2
8Fh
00h
Buffer address, Mouse &
description section
a & b values depend on the row mode and
on the number of characters to display in the row
Segment 22h
0Fh
0Eh
0Dh
0Ch
0Bh
0Ah
09h
08h
07h
06h
05h
04h
03h
02h
01h
00h
Free for user
Free for user
Mouse pointer horizontal position (low)
Mouse pointer horizontal position (high)
Mouse pointer vertical position (low)
Mouse pointer vertical position (high)
Mouse font code (low)
Mouse font code (high) + foreground color
Underline color set 2 (low)
Underline color set 2 (high)
Underline color set 1 (low)
Underline color set 1 (high)
First buffer start address (low)
First buffer start address (high)
Event line (low)
Event line (high)
8Fh
70h
6Fh
50h
4Fh
30h
2Fh
10h
Extended Background Palette
Extended Foreground Palette
Basic Foreground Palette
Basic Background Palette
2p+3
2p+2
2p+1
2p
Active Range
Row Attributes
Horizontal Shift (low)
Horizontal Shift (high) + Row Char. Count
Next buffer start addr. (low)
Next buffer start addr. (high) + Row mode
2p+6
Char (serial mode)
2p+4
2p+5
.
.
.
.
Char + Palette Attrib. (Basic parallel mode)
Char + Palette Attrib. + Shape Attrib.
(Extended parallel mode)
OSDRAM
GENERAL FEATURES
00h to 4F, 6Fh or 8Fh depending on
color palettes configured
ROW BUFFER
Any even address between 50h and 1FEh
Palette
2p is the start address of the first row buffer
Notes:
Active Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com