Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 122 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 122 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 118Page - STMicroelectronics ST92196A Datasheet HTML 119Page - STMicroelectronics ST92196A Datasheet HTML 120Page - STMicroelectronics ST92196A Datasheet HTML 121Page - STMicroelectronics ST92196A Datasheet HTML 122Page - STMicroelectronics ST92196A Datasheet HTML 123Page - STMicroelectronics ST92196A Datasheet HTML 124Page - STMicroelectronics ST92196A Datasheet HTML 125Page - STMicroelectronics ST92196A Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 268 page
background image
122/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
8.5.3.12 Mouse Pointer
The Mouse Pointer icon is built as an 18x26 dot
matrix; it is fully user definable, selected from any
of the OSD characters in Font ROM memory (ex-
cept 00h). This allows a multiple mouse configura-
tion.
The Mouse Pointer dots are processed like any
9x13 character, i.e. any dot is displayed on both
fields and represents a final 2x2 pixel area on the
screen. The Mouse Pointer represents a 18x26
character displayed in 2Y-2X size.
Only the Mouse Pointer foreground is displayed.
The Mouse Pointer background is transparent.
The Mouse Pointer dot processing includes the
standard foreground pixel processing and also the
rounding and fringe. The algorithms used are the
same as for characters (for more details, refer to
the rounding and fringe section above, assuming a
9x13 character matrix case extended to an 18x26
matrix).
The Mouse Pointer uses one of the foreground
Palette entries to define its pixel color. All features
of the foreground Palette are retained except the
Underline.
The priority of all color layers is from highest-to-
lowest:
Mouse foreground, Mouse fringe, OSD characters
and border.
8.5.4 Horizontal and Vertical Sync
8.5.4.1 Pixel Clock Control
The Pixel clock is issued from a frequency multipli-
er which is locked to the main crystal frequency.
The synthesized frequency is software program-
mable (4-bit value defining the multiplying factor)
which provides flexibility for supporting various ap-
plication conditions, from a basic 4/3 screen for-
mat and a “1H” horizontal sweep to a 16/9 format
with a “2H” sweep, interlaced or progressive scan-
ning. For more information, refer to the Timing and
Clock Controller chapter.
Note: It is recommended to wait for a stable clock
(approx. 35 ms) from the frequency multiplier be-
fore enabling the OSDRAM controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com