Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 118 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 118 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 114Page - STMicroelectronics ST92196A Datasheet HTML 115Page - STMicroelectronics ST92196A Datasheet HTML 116Page - STMicroelectronics ST92196A Datasheet HTML 117Page - STMicroelectronics ST92196A Datasheet HTML 118Page - STMicroelectronics ST92196A Datasheet HTML 119Page - STMicroelectronics ST92196A Datasheet HTML 120Page - STMicroelectronics ST92196A Datasheet HTML 121Page - STMicroelectronics ST92196A Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 268 page
background image
118/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
If the italic attribute is still active at the end of the
row, the last character code to be displayed is
truncated to the vertical position where it would
have finished without the italic attribute.
If the background color is changed while italics are
enabled, then the color attribute (seen as a space)
is not slanted.
The right edge background corresponding to a
control character is never slanted.
When a background code follows an italic charac-
ter, then the background color of the italic charac-
ter extends half way into the displayed background
code location, regardless of the background Pal-
ette M bit (refer to Section 8.5.6.4 for a description
of the M bit).
In the case where a background code is followed
by a second background code while italics are on,
the first background color will extend half way into
the second background location.
The edges of the 00h code (test character seen as
a border color) are never slanted.
The right edge of the 00h code is never slanted.
When a 00h code follows an italic character, then
the background color of the italic character ex-
tends half way into the 00h code location.
In case a 00h code is followed by a background
code while italics are on, the 00h code is never ex-
tended into the following code location.
8.5.3.7 Rounding and Fringe
Rounding can be enabled or disabled row by row
(see Section 8.5.8.3).
For a 18x26 matrix size, there is no rounding facil-
ity when the character size is (1X,1Y).
For any other (X,Y) size combinations, the round-
ing facility is allowed for the 18x26 font matrix, and
rounding is available in any of the 3 row modes
(serial, basic parallel, extended parallel).
The fringe mechanism can be enabled or disabled
row by row (see row attributes description), but it
can also be defined on a character basis in ex-
tended parallel mode (see shape parallel at-
tributes for more details).
The fringe mechanism can be activated for any
size and both matrix formats.
Please note that, for both matrixes, in the case of
fringe usage in 1Y vertical size and interlaced
mode, a flicker may appear on the screen as the
fringe information is built on a field basis.
Figure 55. Rounding and Fringe
Foreground
Dot Size
Rounding
Dot Size
Fringe
Dot Size
9 x13
18 x 26
Drawing Conventions:
Partial details
Rounding and Fringe in Size (2X,2Y) for 18x26
Rounding and Fringe
(9x13 Matrix only) Partial details
(9x13 Matrix only)
Rounding and Fringe
Partial details
9X13 Matrix
18x26 Matrix
Rounding and Fringe in Size (1X,1Y)
in Size (1.5X,2Y)
in Size (1.5X,1Y)
Rounding and Fringe in Size (4X,4Y) for 18x26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com