Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 114 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 114 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 110Page - STMicroelectronics ST92196A Datasheet HTML 111Page - STMicroelectronics ST92196A Datasheet HTML 112Page - STMicroelectronics ST92196A Datasheet HTML 113Page - STMicroelectronics ST92196A Datasheet HTML 114Page - STMicroelectronics ST92196A Datasheet HTML 115Page - STMicroelectronics ST92196A Datasheet HTML 116Page - STMicroelectronics ST92196A Datasheet HTML 117Page - STMicroelectronics ST92196A Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 268 page
background image
114/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
8.5 ON SCREEN DISPLAY CONTROLLER (OSD)
8.5.1 Introduction
The OSD displays Closed Captioning (EIA708
specification) or other character data and menus
on a TV screen.
Each row can be defined through three different
Display configurations:
– Serial mode: each character is defined by an 8-
bit word which provides the character address
into the Font ROM memory. Some codes are re-
served for color controls and do not address any
character description. They are displayed as
spaces and as a direct consequence are active
on a “word” basis. This mode fully supports the
Closed Captioning format.
– Basic parallel mode: each character is defined
by a 16-bit word which provides the character ad-
dress in the Font ROM memory and its color at-
tribute. This mode is called “parallel” as the
colors are definable on a “per character” basis.
– Extended parallel mode: each character is de-
fined by a 24-bit word which provides the charac-
ter address in the Font ROM memory and its
color and shape attributes. This mode is called
“parallel” as the attributes are definable on a “per
character” basis.
8.5.2 General Features
s
50/60 Hz and 100/120 Hz* operation
s
525/625 lines operation, 4/3 or 16/9 format
s
Interlaced or progressive scanning
s
18x26 or 9x13 character matrix user definable in
ROM. Both matrixes can be mixed.
s
Up to 63 characters per row
s
7 character sizes in 18x26, 4 in 9x13
s
512 possible colors in 4x16-entry palettes
s
8 levels of translucency on Fast Blanking
s
Serial
character
mode
supporting
Closed
Captioning format
s
Basic Parallel Mode for character based color
definition
s
Extended parallel mode for character based
color and shape definition
s
Mouse pointer (user definable in ROM)
s
Rounding,
fringing,
shadowing,
flashing,
scrolling, italics, and various underlining modes
Definition of Terms used in this Chapter
– Pixel: minimum displayed element that the Dis-
play Controller can handle. Its vertical physical
size is always one TV line. Its horizontal physical
size is directly linked to the basic clock frequency
(called Pixel clock) which synchronizes the OSD
and is therefore independent of any magnifica-
tion factor which may be applied to the displayed
element.
– Dot: a dot defines the displayed element which
corresponds to a single bit read from the Font
ROM memory. A dot is represented on the
screen by a "matrix" of pixels. The matrix size de-
pends on the magnification factor applied.
8.5.3 Functional Description
All characters are user definable by masking the
Font ROM content (except the one corresponding
to code 00h which is reserved for test). Two differ-
ent matrixes can be used and mixed:
– 18x26 character matrix
– 9x13 character matrix
The hardware display system has the capability of
displaying one character row and requires the
CPU to update the next display buffer prior to dis-
playing the next row. Using a real time routine, the
On Screen Display supports the display of as
many character rows as the TV screen can physi-
cally handle.
The OSD can display up to 63 characters per row,
depending on the row RAM buffer size (user defin-
able, see Section 8.5.5.1).
The OSD is also designed to handle a mouse
pointer (see Section 8.5.7).
A smart pixel processing unit provides extended
features such as rounding, fringe, or shadowing
for better picture quality. Other smart function such
as flashing, scrolling, italics, underlining and
mouse pointer allow the designing of a high quality
display application.
The screen insertion of the displayed characters is
fully synchronized by the vertical and horizontal
TV synchronizing signals. The OSD controller
generates the Red, Green, Blue and Fast Blanking
video signals through 8-level DAC outputs. The
Fast Blanking video signal can also be generated
as a digital signal if needed.
*Available on some devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com