Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 107Page - STMicroelectronics ST92196A Datasheet HTML 108Page - STMicroelectronics ST92196A Datasheet HTML 109Page - STMicroelectronics ST92196A Datasheet HTML 110Page - STMicroelectronics ST92196A Datasheet HTML 111Page - STMicroelectronics ST92196A Datasheet HTML 112Page - STMicroelectronics ST92196A Datasheet HTML 113Page - STMicroelectronics ST92196A Datasheet HTML 114Page - STMicroelectronics ST92196A Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 268 page
background image
111/268
- OSDRAM CONTROLLER
8.4 OSDRAM CONTROLLER
8.4.1 Introduction
The OSDRAM Controller handles the interface be-
tween the Display Controller, the CPU and the OS-
DRAM.
The time slots are allocated to each unit in order to
optimize the response time.
The main features of the OSDRAM Controller are
the following:
s
Memory mapped in Memory Space (segment
22h of the MMU)
s
DMA access for Display control
s
Direct CPU access
8.4.2 Functional Description
The OSDRAM controller manages the data flows
between the different sub-units (display controller,
CPU) and the OSDRAM. A specific set of buses
(16-bit data, 9-bit addresses) is dedicated to these
data flows. The OSDRAM controller accesses
these buses in real time. The OSDRAM controller
has registers mapped in the ST9 register file.
As this OSDRAM controller has also to deal with
TV real time signals (On-Screen-Display), a spe-
cific controller manages all exchanges:
– Its timing generator uses the same frequency
generator as the Display (Pixel frequency multi-
plier),
– Its controller can work in two TV modes:
– Single mode: all time slots are dedicated to
the CPU.
– Shared mode: time slots are shared between
the CPU and the Display. The shared mode is
controlled by the Display controller.
– Its architecture gives priority to the TV real time
constraints: whenever there is access contention
between the CPU and the Display (shared
mode), the CPU is automatically forced in a
“wait” configuration until its request is served.
– Its controller enables a third operating mode
(stand-alone mode) which allows the application
to access the OSDRAM while the Display is
turned off. In this case, the OSDRAM controller
uses the CPU main clock.
Figure 50. Display Architecture Overview
4 * 3 BITS
DISPLAY CONTROLLER
OSDRAM CONTROLLER
OSD DISPLAY RAM
CPU INTERFACE
ROM FONT
MATRIX
REGISTER BUSES
MEMORY BUSES
ADDRESS (6+4 BITS)
OSD ADDRESS (9 BITS)
OSD DATA
(16 BITS)
RGB
FB
TRANSLUCENCY
TSLU
DATA (8 BITS)
ADDRESS (22 BITS)
DATA (8 BITS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com