Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 115 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 115 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 111Page - STMicroelectronics ST92196A Datasheet HTML 112Page - STMicroelectronics ST92196A Datasheet HTML 113Page - STMicroelectronics ST92196A Datasheet HTML 114Page - STMicroelectronics ST92196A Datasheet HTML 115Page - STMicroelectronics ST92196A Datasheet HTML 116Page - STMicroelectronics ST92196A Datasheet HTML 117Page - STMicroelectronics ST92196A Datasheet HTML 118Page - STMicroelectronics ST92196A Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 268 page
background image
115/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.3.1 Display Attributes
s
Global screen attributes:
– Border color
– Border translucency
– Turn all background color into border color
s
Row parameters and attributes:
– Row mode control (serial, basic parallel, extend-
ed parallel)
– Row character count
– Horizontal and Vertical shift
– Active Range (used for vertical scrolling)
– Font matrix selection
– Size control (dot height and width definition)
– Flashing control
– Rounding control
– Fringe control
s
Serial character attributes:
– Background color (16 user definable colors)
– Foreground color (16 user definable colors)
– Flashing control
– Italics control
s
Palette parallel character attributes:
– Background color (16 user definable colors)
– Foreground color (16 user definable colors)
s
Shape parallel character attributes:
– Character code extension
– Double height
– Double width
– Foreground palette extension (32 user definable
colors)
– Background palette extension (32 user definable
colors)
– Flashing control
– Shadowing control
– Fringe control
s
Mouse Pointer attributes:
– Fringe control
– Rounding control
– Foreground color (32 user definable colors)
– Double size
– Horizontal and Vertical position
8.5.3.2 OSD Area
When the Display controller is turned on, the TV
screen will show a specific color prior to any data
display which is called the “Border Color”. The ef-
fective border color is fully software programmable
from a palette of 512 colors through 2 control reg-
isters.
The border area translucency can be chosen from
8 different levels, from fully transparent to fully
opaque. The 3 translucency control bits are acces-
sible through the border color control registers.
When data are displayed by the OSD, they form
rows of characters. All characters of one row are
horizontally aligned.
For each displayed character, two kinds of colors
must be programmed which are defined as:
– Background color
– Foreground color
Figure 52. OSD Area Description
8.5.3.3 Color Processing
Further color elements may be generated by the
Display controller as a result of real time pixel cal-
culations (they are not stored in the Font ROM
memory). These are:
– Rounding pixels: they must be considered as
“calculated” foreground pixels.
– Fringe pixels: they are always displayed with a
black color and are never translucent.
– Underline pixels: they must be considered as
“calculated” pixels. Their colors are defined
through independent underline color values.
Translucency levels are also programmable for
underline pixels.
A
Border Color
1 Character row
1 Displayed character
Background color
Foreground color
Area
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com