Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 117 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 117 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 113Page - STMicroelectronics ST92196A Datasheet HTML 114Page - STMicroelectronics ST92196A Datasheet HTML 115Page - STMicroelectronics ST92196A Datasheet HTML 116Page - STMicroelectronics ST92196A Datasheet HTML 117Page - STMicroelectronics ST92196A Datasheet HTML 118Page - STMicroelectronics ST92196A Datasheet HTML 119Page - STMicroelectronics ST92196A Datasheet HTML 120Page - STMicroelectronics ST92196A Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 268 page
background image
117/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.3.5 Cursor & Flash
A cursor facility may be emulated under software
control, using the “flash” attribute. This allows to
have a “flash-on-word” in serial mode or a “flash-
on-character” in extended parallel mode.
The cursor facility first requires activating the
“flash on” row control bit (refer to Section 8.5.8.3),
which acts as a general flash enable.
Then program the characters with Flashing Char-
acter attribute(s) (serial or extended parallel) at the
required locations.
The flash effect is obtained by toggling the general
flash enable bit.
Several flashing words or characters per screen
can easily be implemented.
8.5.3.6 Italic Mode
The italics attribute is a serial attribute; this means
that Italic mode is available in serial mode only.
In the matrix description that follows, line 1 is at the
top of the character, line 13 (or line 26) is at the
bottom.
The codes (seen as spaces) needed to activate
and deactivate the Italic attribute provide a con-
venient method for solving border problems be-
tween italic and non-italic characters.
Figure 54. Italic Character Mode
18x26
26
1
21
20
17
16
13
12
9
8
5
4
9x13
Shift
Row
Shift
5
4
3
2
1
0
2.5
2
1.5
1
0.5
0
Normal
Italic
13
1
11
10
9
8
7
6
5
4
3
2
Dot
Row Dot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com