Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 112Page - STMicroelectronics ST92196A Datasheet HTML 113Page - STMicroelectronics ST92196A Datasheet HTML 114Page - STMicroelectronics ST92196A Datasheet HTML 115Page - STMicroelectronics ST92196A Datasheet HTML 116Page - STMicroelectronics ST92196A Datasheet HTML 117Page - STMicroelectronics ST92196A Datasheet HTML 118Page - STMicroelectronics ST92196A Datasheet HTML 119Page - STMicroelectronics ST92196A Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 268 page
background image
116/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
All colors are taken from a double Palette set
(Background and Foreground) which are both OS-
DRAM mapped and thus definable in real-time.
The priority of all color layers is, from highest to
lowest:
Mouse, underline, foreground & rounding, fringe,
background and border.
Character code 00h is a test character and has no
user customized content. It is always displayed
with a border color and will appear as a “non-dis-
played character”.
8.5.3.4 Character Matrix Definition
A character is described by a matrix of dots stored
in the Font ROM memory. Two matrix sizes are
can be used to define each character pattern: ei-
ther a 9x13 matrix or a 18x26 matrix. The matrix
size can be redefined for each row Display buffer;
mixing the 2 matrix sizes on a same screen is
therefore possible.
Refer to Figure 61, for an example of the Font
ROM content.
The 9x13 matrix is a compressed format where
each bit represents a 2x2 pixel dot (with no magni-
fication applied). In interlaced mode, for each dot,
2 pixels are generated on a field, the 2 others on
the other field; each row of the matrix is used for
both fields.
The 18x26 matrix is an “expanded” format where
each bit represents a 1x1 pixel dot (if no magnifi-
cation). In interlaced mode, if no magnification is
applied, each odd row of the matrix is displayed on
a field, each even row on the other field.
WARNING: As a result, when displaying the
18x26 matrix with no vertical magnification and in
interlaced mode, flicker may be visible on charac-
ters containing long single-pixel rows. To avoid
this effect, either use double pixel horizontal lines,
if possible, when designing the font (see Figure
53). Alternatively, use the double height attribute
or choose the foreground and background colors
for reduced contrast.
Figure 53. Avoiding Flicker on unmagnified 18x26 characters
Modified character design
with visible flicker
Original character design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com