Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 112 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 112 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 108Page - STMicroelectronics ST92196A Datasheet HTML 109Page - STMicroelectronics ST92196A Datasheet HTML 110Page - STMicroelectronics ST92196A Datasheet HTML 111Page - STMicroelectronics ST92196A Datasheet HTML 112Page - STMicroelectronics ST92196A Datasheet HTML 113Page - STMicroelectronics ST92196A Datasheet HTML 114Page - STMicroelectronics ST92196A Datasheet HTML 115Page - STMicroelectronics ST92196A Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 268 page
background image
112/268
- OSDRAM CONTROLLER
OSDRAM CONTROLLER (Cont’d)
8.4.2.1 Time Sharing during Display
The time necessary to display a character on the
screen defines the basic repetitive cycle of the OS-
DRAM controller. This whole cycle represents
therefore 18 clock periods. This cycle is divided in
9 sub-cycles called “slots”. Each slot is allocated in
real-time either to the CPU or the Display:
– In single mode, this 9-slot cycle is repeated con-
tinuously providing only CPU slots (single cycle),
until the OSDRAM controller is switched off by
the main program execution.
– In shared mode, this 9-slot cycle provides Dis-
play slots followed by CPU slots.
Each slot represents a two-byte exchange (read or
write) between the OSDRAM memory and the oth-
er units:
Display Reading slot (DIS): 16 bits are read from
the OSDRAM and sent to the display unit, the ad-
dress being defined by the display address gener-
ator.
Direct CPU Access slot (CPU): 16 bits are ex-
changed (read or write) between the OSDRAM
and its controller but only 8 bits are exchanged
with the CPU, the address being defined by the
CPU memory address bus.
Figure 51. Time Sharing during Display
Display reading is handled as follows:
– DIS(1) & DIS(2) are dedicated to reading the
character code, its parallel attributes & associat-
ed palette pointer.
– DIS(3) provides the foreground palette.
– DIS(4) provides the background palette. In case
of Underline activation (refer to the OSD control-
ler paragraph for more details), the DIS(4) slot is
no longer provides the background palette con-
tent (useless information) but recovers the Un-
derline color set data.
The CPU write accesses are handled as follows:
Because of the 16-bit word width inside the OS-
DRAM matrix, it is obviously necessary to perform
a CPU write access in 2 steps:
– Reading the OSDRAM word
– Rewriting it with the same values except for the
8 modified bits.
Each time a CPU write operation is started, the
next following CPU slot will be used as a read slot,
the effective write to the OSDRAM being complet-
ed at the next CPU slot.
8.4.2.2 Time Sharing within the TV line
At the beginning of each TV line, the OSDRAM is
accessed (read) by the Display controller in order
to get all the row attributes. When the TV line is
recognized as the one where data have to be dis-
played, the Shared cycle is activated at the time
the data has to be processed for display.
CPU
(R/W)
CPU
(R/W)
CPU
(R/W)
CPU
(R/W)
CPU
(R/W)
CPU
(R/W)
CPU
(R/W)
CPU
(R/W)
CPU
(R/W)
CPU
(R/W)
DIS
(1)
CPU
(R/W)
DIS
(2)
CPU
(R/W)
DIS
(3)
CPU
(R/W)
DIS
(4)
CPU
(R/W)
Shared Cycle
Single Cycle
One Character Display Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com