Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 113 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 113 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 109Page - STMicroelectronics ST92196A Datasheet HTML 110Page - STMicroelectronics ST92196A Datasheet HTML 111Page - STMicroelectronics ST92196A Datasheet HTML 112Page - STMicroelectronics ST92196A Datasheet HTML 113Page - STMicroelectronics ST92196A Datasheet HTML 114Page - STMicroelectronics ST92196A Datasheet HTML 115Page - STMicroelectronics ST92196A Datasheet HTML 116Page - STMicroelectronics ST92196A Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 268 page
background image
113/268
- OSDRAM CONTROLLER
OSDRAM CONTROLLER (Cont’d)
8.4.3 OSDRAM Controller Reset Configuration
During and after a reset, the OSDRAM access is
disabled.
When the OSDRAM controller is software disa-
bled, it will:
1. Complete the current slot.
2. Complete any pending write operation (a few
slots may elapse).
3. Switch off any OSDRAM interface activity.
8.4.3.1 OSDRAM Controller Running Modes
2 control bits called “OSDE” (OSD Enable) and
“DION” (Display ON) are used to enable the OS-
DRAM controller. Both are also shared by the Dis-
play controller.
These 2 bits are located in the OSDER register.
This register is described in the On Screen Display
Controller Chapter.
8.4.3.2 CPU Slowdown on OSDRAM access
As described above, the OSDRAM controller puts
priority on TV real time constraints and may slow-
down the CPU (through “wait” cycle insertion)
when any OSDRAM access is requested. The ef-
fective duration of the CPU slowdown is a complex
function of the OSDRAM controller working mode
and of the respective PIXCLK frequency (OS-
DRAM frequency) and the Core INTCLK frequen-
cy.
8.4.3.3 OSDRAM Mapping
The OSDRAM is mapped in the memory space,
segment 22h, starting from address 0000h to ad-
dress 017Fh (384 bytes).
The OSDRAM mapping is described in the On
Screen Display Controller Chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com