Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 124 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 120Page - STMicroelectronics ST92196A Datasheet HTML 121Page - STMicroelectronics ST92196A Datasheet HTML 122Page - STMicroelectronics ST92196A Datasheet HTML 123Page - STMicroelectronics ST92196A Datasheet HTML 124Page - STMicroelectronics ST92196A Datasheet HTML 125Page - STMicroelectronics ST92196A Datasheet HTML 126Page - STMicroelectronics ST92196A Datasheet HTML 127Page - STMicroelectronics ST92196A Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 268 page
background image
124/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.5 Programming the Display
The row-wise RAM buffer contains the description
of the characters to display:
– Row and character attributes (color, shape etc.)
– Horizontal shift code
– Character codes (addressing the Font ROM)
While one row buffer is displayed on the screen,
the CPU has time to prepare the content of the
next character row by filling up the second row
buffer. At the time the next row must be displayed,
the Display controller will point to the second row
buffer, allowing the CPU to start loading data into
the first row buffer for the following row. An inter-
rupt request is generated each time the buffer
pointer toggles.
Note: The display and the mouse share the same
interrupt line. In configurations with mouse, the
DINT and MOINT bits in the OSDFBR register can
be used to determine the interrupt cause.
The Vertical location of the next character row on
the screen is programmed by software through the
Event Line value (Refer to Figure 65). The vertical
position of the beam is memorized by the Line
counter which counts the TV horizontal synchroni-
zation pulses (called here "Scan Line"). When the
Scan Line counter matches the Event Line value
the buffer toggle mechanism is activated.
8.5.5.1 OSDRAM Mapping
The OSDRAM is mapped in segment 22h of the
memory space.
In addition to row buffers, it is used to store color
palettes and information concerning mouse point-
er.
Note: The reset value of the OSDRAM contents is
undefined.
General Overview
The Figure 59 gives a general overview of the OS-
DRAM mapping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com