Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 138Page - STMicroelectronics ST92196A Datasheet HTML 139Page - STMicroelectronics ST92196A Datasheet HTML 140Page - STMicroelectronics ST92196A Datasheet HTML 141Page - STMicroelectronics ST92196A Datasheet HTML 142Page - STMicroelectronics ST92196A Datasheet HTML 143Page - STMicroelectronics ST92196A Datasheet HTML 144Page - STMicroelectronics ST92196A Datasheet HTML 145Page - STMicroelectronics ST92196A Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 268 page
background image
142/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.8.2 Horizontal Shift and Row Character Count
Address in Segment 22h: 2p + 2 (Bits 15:8), 2p + 3 (Bits 7:0). See Figure 59.
For each row to be displayed, the number of char-
acters in the row, and the horizontal position of the
row on the screen need to be specified.
Let’s assume that the start address of the current
row buffer is 2p (even address).
Bits 15:10 = RCN[5:0]
Row Character Count
These bits define the number of characters to dis-
play in the current row.
The Display controller allows to display from 1 to
63 characters (in parallel mode) or 61 (in serial
mode, as the first 2 bytes are taken as attributes)..
For example, a 36 character row requires pro-
gramming RCN[5:0] = 24h.
Bits 9:0 = HS[9:0]
Horizontal Shift
These bits define the horizontal shift value. They
specify, in terms of number of Pixel clock periods,
the horizontal shift applied from the leading edge
of the Hsync pulse to the beginning of the first dis-
played character (1st character in parallel modes,
3rd character in serial mode). Refer to Figure 65.
Loading any value smaller than 01h is forbidden.
The result is given by the formula:
Horizontal shift = [HS[9:0]+ 47] * (2*PIXCLK)
(where PIXCLK is the clock issued from the Skew
Corrector). Refer to the Timing and Clock Control
chapter for programming information.
Figure 65. Row Position
15
8
7
0
RCN5
RCN4
RCN3
RCN2
RCN1
RCN0
HS9
HS8
HS7
HS6
HS5
HS4
HS3
HS2
HS1
HS0
ST92x196
Displayed Row
Event Line (Vertical Shift)
Horizontal
Shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com