Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 157 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 157 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 153Page - STMicroelectronics ST92196A Datasheet HTML 154Page - STMicroelectronics ST92196A Datasheet HTML 155Page - STMicroelectronics ST92196A Datasheet HTML 156Page - STMicroelectronics ST92196A Datasheet HTML 157Page - STMicroelectronics ST92196A Datasheet HTML 158Page - STMicroelectronics ST92196A Datasheet HTML 159Page - STMicroelectronics ST92196A Datasheet HTML 160Page - STMicroelectronics ST92196A Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 268 page
background image
157/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
FLAG BIT REGISTER (OSDFBR)
R250 - Read/Write
Register Page: 42
Reset Value: xxxx xxxx (xxh)
Bit 7 = BUFL
Buffer Flag bit
This bit indicates which Row Buffer of the OSD
RAM is being used by the Display.
The BUFL flag is automatically re-evaluated each
time the Scan & Event line matching condition is
fulfilled. In case the “TE” bit is reset (see the OS-
DER register), the “BUFL” flag remains un-
changed as NO row buffer change occurs.
0: The OSD displays the content of the second row
buffer (the one NOT pointed by the “first buffer
start address” value).
1: The OSD displays the content of the Row Buffer
location pointed by the “first buffer start address”
value.
Note: The BUFL flag is automatically reset when
the (DION,OSDE) bits are switching from any oth-
er value to (1,1); it will be set at the first Buffer
transfer (scan & event match and TE=1).
Bit 6 = VSY
Vsync status bit
This bit gives the status of the VSYNC input signal.
0: the VSYNC input signal is inactive.
1: the VSYNC input signal is active.
Note: The VSYNC signal polarity is compensated
to always provide VSY=1 during the vertical pulse.
Bit 5 = HSY
Hsync status bit
This bit gives the status of the internal HS signal
generated by the skew corrector and locked to the
external HSYNC signal.
0: The HS signal is inactive.
1: The HS signal is active.
Note: the HSYNC signal polarity is compensated
to provide HSY=1 during the horizontal pulse.
Note: HSY remains active during the whole “Line
Start Mute” timing which is software controlled
through both the DBLS bit and the LSM[2:0] value
(see OSDER and OSDMR registers).
Bit 4 = VSDL
Delayed Vertical Pulse status bit
This bit indicates the status of the VDPLS internal
signal (it is the delayed vertical pulse issued from
the programmable vertical delay unit as described
by the OSDDR register bits VD[3:0])
0: The VDPLS internal signal is inactive
1: The VDPLS internal signal is active
Note: the VDPLS signal polarity is compensated
to provide VSDL =1 during the vertical pulse.
Bit 3 = FIELD
Field status bit
This bit indicates the current TV field.
0: TV beam is in field 2 (even field)
1: TV beam is in field 1 (odd field)
Bit 2 = DINT
Display Interrupt flag bit
This bit is set by hardware when an OSD interrupt
occurs. This bit must be reset by Software. Refer
to Table 32.
Table 32. Display and Mouse Interrupt Flags
Note: To handle OSD interrupts, it is recommend-
ed to clear the pending bit associated with the ex-
ternal interrupt channel used for the OSD (see the
chapter on Interrupts) and then poll the two flag
bits (DINT & MOIT) in series within the Display in-
terrupt routine.
Bit 1 = MOIT
Mouse pointer Interrupt flag.
This bit indicates which is the source of the OSD
interrupt (See Table 32). This bit must be reset by
Software.
Bit 0 = SL8
Most Significant Bit of the Scan Line
counter
Refer to the description of the OSDSLR register.
70
BUFL
VSY
HSY
VSDL
FIELD
DINT
MOIT
SL8
DINT
MOIT
Meaning
0
0
No Interrupt
0
1
Mouse Interrupt
1
0
Display Interrupt
11
Mouse and Dis-
play Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com