Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 164 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 164 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 160Page - STMicroelectronics ST92196A Datasheet HTML 161Page - STMicroelectronics ST92196A Datasheet HTML 162Page - STMicroelectronics ST92196A Datasheet HTML 163Page - STMicroelectronics ST92196A Datasheet HTML 164Page - STMicroelectronics ST92196A Datasheet HTML 165Page - STMicroelectronics ST92196A Datasheet HTML 166Page - STMicroelectronics ST92196A Datasheet HTML 167Page - STMicroelectronics ST92196A Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 268 page
background image
164/268
- CLOSED CAPTION DATA SLICER (DS)
DATA SLICER (Cont’d)
8.6.5 Register Description
The register description lists the register page for
Data Slicer 0 (DS0) If a second Data Slicer is avail-
able (DS1), it is mapped in Page 46.
DATA REGISTER 1 (DR1)
R240 - Read only
Register Page: 45
Reset Value: 0000 0000 (00h)
Bit 7:0 = D1[7:0]:
First data byte for Gemstar
DATA REGISTER 2 (DR2)
R241 - Read only
Register Page: 45
Reset Value: 0000 0000 (00h)
Bit 7:0 = D2[7:0]:
Second data byte for Gemstar
DATA REGISTER 3 (DR3)
R242 - Read only
Register Page: 45
Reset Value: 0000 0000 (00h)
Bit 7:0 = D3[7:0]:
Third data byte for Gemstar, first
data byte for closed caption
70
D1.7 D1.6 D1.5 D1.4 D1.3 D1.2 D1.1 D1.0
70
D2.7 D2.6 D2.5 D2.4 D2.3 D2.2 D2.1 D2.0
70
D3.7 D3.6 D3.5 D3.4 D3.3 D3.2 D3.1 D3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com