Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4020 Datasheet(PDF) 23 Page - Microchip Technology

Part # RN4020
Description  Bluetooth Low Energy Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4020 Datasheet(HTML) 23 Page - Microchip Technology

Back Button RN4020 Datasheet HTML 19Page - Microchip Technology RN4020 Datasheet HTML 20Page - Microchip Technology RN4020 Datasheet HTML 21Page - Microchip Technology RN4020 Datasheet HTML 22Page - Microchip Technology RN4020 Datasheet HTML 23Page - Microchip Technology RN4020 Datasheet HTML 24Page - Microchip Technology RN4020 Datasheet HTML 25Page - Microchip Technology RN4020 Datasheet HTML 26Page - Microchip Technology RN4020 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
 2015 Microchip Technology Inc.
DS50002279B-page 23
RN4020
APPENDIX A: REVISION HISTORY
Revision A (June 2014)
This is the initial released version of the document in
the Microchip format.
Revision B (September 2015)
This revision includes the following updates:
• Updated information for single operating voltage
from 3.0V to 3.6V to show 1.8V to 3.6V on page 1.
• Updated Figure 1-2 to change pin names for pin
numbers 10, 11, 12, 19, 21 and 22.
• Updated Figure 1-3 to include current inputs and
outputs.
• Updated Table 1-1 for changes in pin names,
description, and functions.
• Added a Note in Table 2-1.
• Added Table 2-5.
• Added a Note in Figure 3-1.
• Updated Figure 4-2.
• Updated Figure 4-4.
• Updated Figure 5-1.
• Updated Section 6.0 “ASCII Command API” to
add information for GAP Role, MLDP, IO, and
Scripting functions.
• Added a Note in Table 7-1.
• Updated Section 8.0 “Regulatory Approval” to
add the regulatory information for Japan, Korea,
and Taiwan.
• Minor updates to text and formatting have been
incorporated throughout the document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com