Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4020 Datasheet(PDF) 13 Page - Microchip Technology

Part # RN4020
Description  Bluetooth Low Energy Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4020 Datasheet(HTML) 13 Page - Microchip Technology

Back Button RN4020 Datasheet HTML 9Page - Microchip Technology RN4020 Datasheet HTML 10Page - Microchip Technology RN4020 Datasheet HTML 11Page - Microchip Technology RN4020 Datasheet HTML 12Page - Microchip Technology RN4020 Datasheet HTML 13Page - Microchip Technology RN4020 Datasheet HTML 14Page - Microchip Technology RN4020 Datasheet HTML 15Page - Microchip Technology RN4020 Datasheet HTML 16Page - Microchip Technology RN4020 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2015 Microchip Technology Inc.
DS50002279B-page 13
RN4020
7.0
SUPPORTED SERVICES
The RN4020 firmware support the built-in public ser-
vices listed in Table 7-1. The services are enabled via
Command API and serviced in the same manner. Each
service manages “Characteristics” which are declared
and defined by Bluetooth as data values. The values
for each characteristic are cached in modules memory
and can be read by another Bluetooth device such as
smartphone acting in Central role. The values of every
Characteristic are updated via Command API over
UART.
7.1
Public and Private Services
The RN4020 provides the ability to create private ser-
vice. If the services are supported on both end points of
a Bluetooth Low Energy connection, such as Central
and Peripheral devices, data can be exchanged. For
example, two RN4020 modules can define a custom
(private) service with its own unique UUID and GATT
characteristics. Data can be exchanged easily via
Command API.
Private services are not registered with the Bluetooth
SIG, and therefore not interoperable with other Blue-
tooth Low Energy devices, unless the device imple-
ments the private service. An example of a built-in
private service is Microchip Streaming Data service.
For an example on how to create a custom service
using the RN4020, refer to RN4020 Bluetooth Low
Energy Module User’s Guide (DS70005191).
7.2
PCB Antenna
The PCB antenna is fabricated on the top copper layer
and covered in solder mask. The layers below the
antenna do not have copper trace. It is recommended
that the module is mounted on the edge of the host
PCB. Having PCB material below the antenna structure
is permitted as long as no copper traces or planes are
on the host PCB in that area.
Table 7-2 provides the antenna specification.
Figure 7-1, Figure 7-2, and Figure 7-3 show the
antenna efficiency, the antenna plot, and the 3D
radiation pattern.
FIGURE 7-1:
EFFICIENCY
TABLE 7-1:
SUPPORTED PUBLIC
SERVICES ON RN4020(1)
Service Name
Bluetooth SIG UUID
Device Information
0x180A
Battery
0x180F
Heart Rate
0x180D
Health Thermometer
0x1809
Glucose
0x1808
Blood Pressure
0x1810
Running Speed Cadence 0x1814
Cycling Speed Cadence
0x1816
Current Time
0x1805
Next DST Change
0x1807
Reference Time Update
0x1806
Link Loss
0x1803
Immediate Alert
0x1802
TX Power
0x1804
Alert Notification
0x1811
Phone Alert Status
0x180E
Scan Parameters
0x1813
Note 1: The services listed above are based on
firmware version 1.20. For the latest list of
supported services, refer to the firmware
version on the RN4020 web page.
TABLE 7-2:
ANTENNA
CHARACTERISTICS
Specification
Description
Type
PCB
Frequency Range
2.402 to 2.485 MHz
Peak Gain
-0.23 dBi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com