Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4020 Datasheet(PDF) 16 Page - Microchip Technology

Part # RN4020
Description  Bluetooth Low Energy Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4020 Datasheet(HTML) 16 Page - Microchip Technology

Back Button RN4020 Datasheet HTML 12Page - Microchip Technology RN4020 Datasheet HTML 13Page - Microchip Technology RN4020 Datasheet HTML 14Page - Microchip Technology RN4020 Datasheet HTML 15Page - Microchip Technology RN4020 Datasheet HTML 16Page - Microchip Technology RN4020 Datasheet HTML 17Page - Microchip Technology RN4020 Datasheet HTML 18Page - Microchip Technology RN4020 Datasheet HTML 19Page - Microchip Technology RN4020 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
RN4020
DS50002279B-page 16
 2015 Microchip Technology Inc.
8.1.2
RF EXPOSURE
All transmitters regulated by FCC must comply with RF
exposure requirements. KDB 447498 General RF
Exposure Guidance provides guidance in determining
whether proposed or existing transmitting facilities,
operations or devices comply with limits for human
exposure to Radio Frequency (RF) fields adopted by
the Federal Communications Commission (FCC).
This module is approved for installation into mobile
and/or portable host platforms and must not be co-
located or operating in conjunction with any other
antenna or transmitter except in accordance with FCC
multitransmitter guidelines. End users must be pro-
vided with transmitter operating conditions for satisfy-
ing RF Exposure compliance.
8.1.3
HELPFUL WEB SITES
Federal Communications Commission (FCC):
http://www.fcc.gov
FCC Office of Engineering and Technology (OET) Lab-
oratory Division Knowledge Database (KDB):
http://apps.fcc.gov/oetcf/kdb/index.cfm
8.2
Canada
The RN4020 module has been certified for use in Can-
ada under Industry Canada (IC) Radio Standards
Specification (RSS) RSS-210 and RSSGen. Modular
approval permits the installation of a module in a host
device without the need to recertify the device.
8.2.1
LABELING AND USER
INFORMATION REQUIREMENTS
Labeling Requirements for the Host Device (from Sec-
tion 3.2.1, RSS-Gen, Issue 3, December 2010): The
host device shall be properly labeled to identify the
module within the host device.
The Industry Canada certification label of a module
shall be clearly visible at all times when installed in the
host device, otherwise the host device must be labeled
to display the Industry Canada certification number of
the module, preceded by the words “Contains transmit-
ter module”, or the word “Contains”, or similar wording
expressing the same meaning, as follows:
User Manual Notice for License-Exempt Radio Appara-
tus (from Section 7.1.3 RSS-Gen, Issue 3, December
2010): User manuals for license-exempt radio appara-
tus shall contain the following or equivalent notice in a
conspicuous location in the user manual or alterna-
tively on the device or both:
Transmitter Antenna (from Section 7.1.2 RSS-Gen,
Issue 3, December 2010): User manuals for transmit-
ters shall display the following notice in a conspicuous
location:
The above notice may be affixed to the device instead
of displayed in the user manual.
8.2.2
RF EXPOSURE
All transmitters regulated by IC must comply with RF
exposure requirements listed in RSS-102 - Radio Fre-
quency (RF) Exposure Compliance of Radiocommuni-
cation Apparatus (All Frequency Bands).
This module is approved for installation into mobile
and/or portable host platforms and must not be co-
located or operating in conjunction with any other
antenna or transmitter except in accordance with
Industry Canada's multi-transmitter guidelines. End
users must be provided with transmitter operating con-
ditions for satisfying RF Exposure compliance.
Contains transmitter module IC: 6514A-RN4020
This device complies with Industry Canada license-
exempt RSS standard(s). Operation is subject to the
following two conditions: (1) this device may not
cause interference, and (2) this device must accept
any interference, including interference that may
cause undesired operation of the device.
Le présent appareil est conforme aux CNR d'Indus-
trie Canada applicables aux appareils radio exempts
de licence. L'exploitation est autorisée aux deux con-
ditions suivantes: (1) l'appareil ne doit pas produire
de brouillage, et (2) l'utilisateur de l'appareil doit
accepter tout brouillage radioélectrique subi, même
si le brouillage est susceptible d'en compromettre le
fonctionnement.
Under Industry Canada regulations, this radio trans-
mitter may only operate using an antenna of a type
and maximum (or lesser) gain approved for the trans-
mitter by Industry Canada. To reduce potential radio
interference to other users, the antenna type and its
gain should be so chosen that the equivalent isotrop-
ically radiated power (e.i.r.p.) is not more than that
necessary for successful communication.
Conformément à la réglementation d'Industrie Can-
ada, le présent émetteur radio peut fonctionner avec
une antenne d'un type et d'un gain maximal (ou
inférieur) approuvé pour l'émetteur par Industrie Can-
ada. Dans le but de réduire les risques de brouillage
radioélectrique à l'intention des autres utilisateurs, il
faut choisir le type d'antenne et son gain de sorte
que la puissance isotrope rayonnée équivalente
(p.i.r.e.) ne dépasse pas l'intensité nécessaire à
l'établissement d'une communication satisfaisante.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com