Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4020 Datasheet(PDF) 5 Page - Microchip Technology

Part # RN4020
Description  Bluetooth Low Energy Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4020 Datasheet(HTML) 5 Page - Microchip Technology

  RN4020 Datasheet HTML 1Page - Microchip Technology RN4020 Datasheet HTML 2Page - Microchip Technology RN4020 Datasheet HTML 3Page - Microchip Technology RN4020 Datasheet HTML 4Page - Microchip Technology RN4020 Datasheet HTML 5Page - Microchip Technology RN4020 Datasheet HTML 6Page - Microchip Technology RN4020 Datasheet HTML 7Page - Microchip Technology RN4020 Datasheet HTML 8Page - Microchip Technology RN4020 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2015 Microchip Technology Inc.
DS50002279B-page 5
RN4020
15
WAKE_HW
Hardware wake from Dormant state. Setting the
WAKE_HW (pin15) high wakes the module from Dor-
mant mode. During the module power up, if
WAKE_HW pin is flipped high and low for three
cycles (putting the WAKE_HW pin into high, low, and
then high again is considered as one flip cycle) in the
first five seconds, then the module performs a factory
Reset. If the WAKE_SW pin is high when a factory
Reset is performed, the factory Reset is a full reset.
Otherwise, it is a partial reset that retains the device
name, private service and scripts. Set WAKE_HW
pin to low in order to lower power consumption in
Deep Sleep and Dormant modes.
Active-high; internal pull down
16
GND
Ground
Ground
17
SPI/PIO
SPI/PIO for pins 10-13; active-high
Input with internal pull down;
selects SPI on pins 10-13
18
RTS
PIO[6]
Reserved for RTS if hardware flow control on UART
is enabled. If the data transmission to RN4020 must
be halted, assert RTS to high. RTS pin operates
independently from the CTS (pin 14).
• RTS (output)
• PIO[6]
19
PWM4
PIO[7]
Spare PIO
PIO[7]; Spare PIO configurable as
input or output
20
RSVD
Do not connect. Factory diagnostics.
No Connect
21
SDA
SDA Data line of the I2C interface. The RN4020
always acts as the I2C Master.
SDA
22
SCL
I2C Clock
SCL
23
VDD
Supply voltage
1.8 to 3.6V
24
GND
Ground
Ground
TABLE 1-1:
PIN DESCRIPTION (CONTINUED)
Pin
Name
Description
Function
CAUTION
A full factory Reset erases scripts and sets the
device name to the serialized name. For more
information, refer to the SF Command in the
RN4020 Bluetooth Low Energy User's Guide
(DS70005191).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com