Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4020 Datasheet(PDF) 19 Page - Microchip Technology

Part # RN4020
Description  Bluetooth Low Energy Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4020 Datasheet(HTML) 19 Page - Microchip Technology

Back Button RN4020 Datasheet HTML 15Page - Microchip Technology RN4020 Datasheet HTML 16Page - Microchip Technology RN4020 Datasheet HTML 17Page - Microchip Technology RN4020 Datasheet HTML 18Page - Microchip Technology RN4020 Datasheet HTML 19Page - Microchip Technology RN4020 Datasheet HTML 20Page - Microchip Technology RN4020 Datasheet HTML 21Page - Microchip Technology RN4020 Datasheet HTML 22Page - Microchip Technology RN4020 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
 2015 Microchip Technology Inc.
DS50002279B-page 19
RN4020
8.6
Japan
The RN4020 module has received type certification
and is labeled with its own technical conformity mark
and certification number as required to conform to the
technical standards regulated by the Ministry of Internal
Affairs and Communications (MIC) of Japan pursuant
to the Radio Act of Japan.
Integration of this module into a final product does not
require additional radio certification provided installa-
tion instructions are followed and no modifications of
the module are allowed. Additional testing may be
required:
• If the host product is subject to electrical appli-
ance safety (for example, powered from an AC
mains), the host product may require Product
Safety Electrical Appliance and Material (PSE)
testing. The integrator should contact their confor-
mance laboratory to determine if this testing is
required.
• There is an voluntary Electromagnetic Compatibil-
ity (EMC) test for the host product administered
by VCCI: http://www.vcci.jp/vcci_e/index.html
8.6.1
LABELING AND USER
INFORMATION REQUIREMENTS
The label on the final product which contains the
RN4020
module
must
follow
Japan
marking
requirements. The integrator of the module should refer
to the labeling requirements for Japan available at the
Ministry of Internal Affairs and Communications (MIC)
website.
The RN4020 module is labeled with its own technical
conformity mark and certification number. The final
product in which this module is being used must have
a label referring to the type certified module inside:
8.6.2
4.6.2 HELPFUL WEB SITES
Ministry of Internal Affairs and Communications (MIC):
http://www.tele.soumu.go.jp/e/index.htm
Association of Radio Industries and Businesses
(ARIB): http://www.arib.or.jp/english/
8.7
Korea
The RN4020 module has received certification of con-
formity in accordance with the Radio Waves Act. Inte-
gration of this module into a final product does not
require additional radio certification provided installa-
tion instructions are followed and no modifications of
the module are allowed.
8.7.1
LABELING AND USER
INFORMATION REQUIREMENTS
The label on the final product which contains the
RN4020 module must follow KC marking requirements.
The integrator of the module should refer to the labeling
requirements for Korea available on the Korea
Communications Commission (KCC) website.
The RN4020 module is labeled with its own KC mark.
The final product requires the KC mark and certificate
number of the module:
8.7.2
HELPFUL WEB SITES
Korea Communications Commission (KCC):
http://www.kcc.go.kr
National Radio Research Agency (RRA):
http://rra.go.kr
Contains transmitter module with certificate number:
MSIP-CRI-029-RN4020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com