Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4020 Datasheet(PDF) 18 Page - Microchip Technology

Part # RN4020
Description  Bluetooth Low Energy Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4020 Datasheet(HTML) 18 Page - Microchip Technology

Back Button RN4020 Datasheet HTML 14Page - Microchip Technology RN4020 Datasheet HTML 15Page - Microchip Technology RN4020 Datasheet HTML 16Page - Microchip Technology RN4020 Datasheet HTML 17Page - Microchip Technology RN4020 Datasheet HTML 18Page - Microchip Technology RN4020 Datasheet HTML 19Page - Microchip Technology RN4020 Datasheet HTML 20Page - Microchip Technology RN4020 Datasheet HTML 21Page - Microchip Technology RN4020 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
RN4020
DS50002279B-page 18
 2015 Microchip Technology Inc.
• European Radio Communications Office (ERO):
http://www.ero.dk/
• The Radio and Telecommunications Terminal
Equipment Compliance Association (R&TTE CA):
http://www.rtteca.com/
TABLE 8-1:
RN4020 EUROPEAN COMPLIANCE TESTING
8.4
Australia
The Australia radio regulations do not provide a modu-
lar approval policy similar to the United States (FCC)
and Canada (IC). However, RN4020 module RF trans-
mitter test reports can be used in part to demonstrate
compliance in accordance with ACMA Radio communi-
cations “Short Range Devices” Standard 2004 (The
Short Range Devices standard calls up the AS/NZS
4268:2008 industry standard). The RN4020 module
test reports can be used as part of the product certifica-
tion and compliance folder. For more information on the
RF transmitter test reports, contact Microchip Technol-
ogy Australia sales office.
To meet overall Australian final product compliance, the
developer must construct a compliance folder contain-
ing all relevant compliance test reports e.g. RF, EMC,
electrical safety and DoC (Declaration of Conformity)
etc. It is the responsibility of the integrator to know what
is required in the compliance folder for ACMA compli-
ance. All test reports are available on the RN4020
product web page at http://www.microchip.com. For
more information on Australia compliance, refer to the
Australian Communications and Media Authority web
site http://www.acma.gov.au/.
8.4.1
HELPFUL WEB SITE
The Australian Communications and Media Authority:
www.acma.gov.au/.
8.5
New Zealand
The New Zealand radio regulations do not provide a
modular approval policy similar to the United States
(FCC) and Canada (IC). However, RN4020 module RF
transmitter test reports can be used in part to demon-
strate compliance against the New Zealand “General
User Radio License for Short Range Devices”. New
Zealand Radio communications (Radio Standards)
Notice 2010 calls up the AS / NZS 4268:2008 industry
standard. The RN4020 module test reports can be
used as part of the product certification and compliance
folder. All test reports are available on the RN4020
product web page at http://www.microchip.com. For
more information on the RF transmitter test reports,
contact Microchip Technology sales office.
Information on the New Zealand short range devices
license can be found in the following web links:
http://www.rsm.govt.nz/cms/licensees/types-oflicence/
general-user-licences/short-range-devices
and
http://www.rsm.govt.nz/cms/policy-and-planning/spec-
trum-policy-overview/legislation/gazette-notices/prod-
uct-compliance
To meet overall New Zealand final product compliance,
the developer must construct a compliance folder con-
taining all relevant compliance test reports e.g. RF,
EMC, electrical safety and DoC (Declaration of
Conformity) etc. It is the responsibility of the developer
to know what is required in the compliance folder for
New Zealand Radio communications. For more infor-
mation on New Zealand compliance, refer to the web
site
http://www.rsm.govt.nz/.
Certification
Standards
Article Laboratory
Report
Number
Date
Safety
EN 60950-1:2006+A11:2009+A1:2010
+A12:2011
[3.1(a)]
Pending
Health
EN 62479:2010
Pending
EMC
EN 301 489-1 V1.9.2 (2011-09)
[3.1(b)]
Pending
EN 301 489-17 V2.2.1 (2012-09)
Radio
EN 300 328 V1.8.1 (2006-06)
(3.2)
Pending
Notified Body
Opinion
Pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com