Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4020 Datasheet(PDF) 1 Page - Microchip Technology

Part # RN4020
Description  Bluetooth Low Energy Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4020 Datasheet(HTML) 1 Page - Microchip Technology

  RN4020 Datasheet HTML 1Page - Microchip Technology RN4020 Datasheet HTML 2Page - Microchip Technology RN4020 Datasheet HTML 3Page - Microchip Technology RN4020 Datasheet HTML 4Page - Microchip Technology RN4020 Datasheet HTML 5Page - Microchip Technology RN4020 Datasheet HTML 6Page - Microchip Technology RN4020 Datasheet HTML 7Page - Microchip Technology RN4020 Datasheet HTML 8Page - Microchip Technology RN4020 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2015 Microchip Technology Inc.
DS50002279B-page 1
RN4020
Features
• Fully certified Bluetooth® version 4.1 module
• On-board Bluetooth Low Energy 4.1 stack
• ASCII command interface API over UART
• Device Firmware Upgrade (DFU) over UART or Over
the Air (OTA)
• Microchip Low-energy Data Profile (MLDP) for serial
data applications
• Remote commands over-the-air
• 64 KB internal flash
• Compact form factor: 11.5 x 19.5 x 2.5 mm
• Castellated SMT pads for easy and reliable PCB
mounting
• Environmentally friendly, RoHS compliant
• Certifications: FCC, IC, CE, QDID, VCCI, KCC, and
NCC
Operational
• Single operating voltage: 1.8V to 3.6V (3.3V typical)
• Temperature range: -30°C to 85°C
• Low-power consumption
• Simple, UART interface
• Integrated Crystal, I2C Interface, Internal Voltage
Regulator, Matching Circuitry, and PCB Antenna
• Multiple IOs for control and status
•GPIO, ADC
• Three Pulse Width Modulation (PWM) outputs
RF/Analog Features
• ISM Band 2.402 to 2.480 GHz operation
• Channels 0-39
• RX Sensitivity: -92.5 dBm at 0.1% BER
• TX Power: -19.0 dBm to +7.5 dBm
• RSSI Monitor
MAC/Baseband/Higher Layer Features
• Secure AES128 encryption
• GAP, GATT, SM, L2CAP, and integrated public
profiles
• Create custom services using command API
• Keyboard I/O Authentication
• Software configurable role as peripheral or central
and client or server
• Built-in scripting capabilities for hostless operation
Applications
• Health/Medical Devices
- Glucose meters
- Heart rate
-Scale
• Sports Activity and Fitness
- Pedometer
- Cycling computer
- Heart rate
• Retail
- Point of Sale (POS)
- Asset tagging and tracking
- Proximity advertising
• Beacon Applications
• Internet of Things (IoT) Sensor tag
• Remote Control
- Embedded Device Control
- AV consoles and game controllers
• Wearable Smart Devices and Accessories
• Industrial Control
- Private (custom) services
- Low bandwidth cable replacement
• Smart Energy/Smart Home
Description
Microchip’s RN4020 Bluetooth Low Energy Module pro-
vides a highly integrated solution for delivering low-power
Bluetooth 4.1 solutions. The advanced command inter-
face offers rapid time to market. The RN4020 module
complies with Bluetooth specification version 4.1. The
module integrates RF, a baseband controller, and a com-
mand API processor, making it a complete Bluetooth Low
Energy solution. The RN4020 can be used with ultra-low
cost microcontroller for intelligent Bluetooth Low Energy
applications. For simple sensor applications, the RN4020
internal scripting capabilities enable basic functions to be
implemented without the need for external host MCU or
software development tools.
Bluetooth® Low Energy Module


Similar Part No. - RN4020

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN4020 MICROCHIP-RN4020_14 Datasheet
565Kb / 6P
RN4020 PICtail??PICtail Plus Board User?셲 Guide
03/25/14
More results

Similar Description - RN4020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK71050-03 ETC2-MK71050-03 Datasheet
616Kb / 23P
Bluetooth Low Energy wireless module
logo
Microchip Technology
RN4870 MICROCHIP-RN4870 Datasheet
2Mb / 48P
Bluetooth 4.2 Low Energy Module
07/14/15
logo
Mitsumi Electronics, Co...
WML-C69 MITSUMI-WML-C69 Datasheet
210Kb / 2P
Bluetooth Low Energy Module
logo
Panasonic Semiconductor
PAN1720 PANASONIC-PAN1720 Datasheet
1Mb / 39P
Bluetooth Low Energy Module
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
Bluetooth Low Energy Module
PAN1762 PANASONIC-PAN1762 Datasheet
1Mb / 34P
Bluetooth Low Energy Module
PAN1780 PANASONIC-PAN1780 Datasheet
1Mb / 27P
Bluetooth Low Energy Module
logo
Taiyo Yuden (U.S.A.), I...
EYSGCNZWY TAIYO-YUDEN-EYSGCNZWY Datasheet
3Mb / 31P
Wireless Module Bluetooth??low energy Module
May 30, 2018 Version 1.8
logo
List of Unclassifed Man...
MDBT50Q-1MV2 ETC2-MDBT50Q-1MV2 Datasheet
5Mb / 75P
Bluetooth Low Energy Module
2022/07/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com