Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4871 Datasheet(PDF) 23 Page - Microchip Technology

Part # RN4871
Description  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4871 Datasheet(HTML) 23 Page - Microchip Technology

Back Button RN4871 Datasheet HTML 19Page - Microchip Technology RN4871 Datasheet HTML 20Page - Microchip Technology RN4871 Datasheet HTML 21Page - Microchip Technology RN4871 Datasheet HTML 22Page - Microchip Technology RN4871 Datasheet HTML 23Page - Microchip Technology RN4871 Datasheet HTML 24Page - Microchip Technology RN4871 Datasheet HTML 25Page - Microchip Technology RN4871 Datasheet HTML 26Page - Microchip Technology RN4871 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
 2016 Microchip Technology Inc.
DS50002489A-page 23
RN4870/71
5.0
APPLICATION REFERENCE
CIRCUITS
5.1
External Configuration and
Programming
The RN4870/71 modules can be configured and firm-
ware programmed using an external configuration and
programming tool. Figure 5-1 shows the mandatory
connections required between the module and the
external programming header. It is recommended to
include these pin connections on the host PCB for
development. For accessing the various configuration
and indication pins, use Table 1-2, Table 1-3, Table 1-4
and Table 1-5.
5.2
Reference Circuit
Figure 5-2 through Figure 5-5 show the reference
circuits for various modules under the RN4870/71 fam-
ily. In the circuits, the power input range is 1.9V ~ 3.6V.
A battery reverse protection circuit is recommended in
case a battery power input is used. Note that the
VDD_IO is the same as the power input. In case of a
LED connection, the power input must be greater than
3.0V. For the RN4870U, an RF antenna matching
circuit must also be included as shown in Figure 5-3.
FIGURE 5-1:
EXTERNAL PROGRAMMING HEADER CONFIGURATIONS
RN4870/71
1P2_0
P2_0
VBAT
1RXD
1TXD
1GND
RXD
TXD
GND
1
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com