Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4871 Datasheet(PDF) 5 Page - Microchip Technology

Part # RN4871
Description  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4871 Datasheet(HTML) 5 Page - Microchip Technology

  RN4871 Datasheet HTML 1Page - Microchip Technology RN4871 Datasheet HTML 2Page - Microchip Technology RN4871 Datasheet HTML 3Page - Microchip Technology RN4871 Datasheet HTML 4Page - Microchip Technology RN4871 Datasheet HTML 5Page - Microchip Technology RN4871 Datasheet HTML 6Page - Microchip Technology RN4871 Datasheet HTML 7Page - Microchip Technology RN4871 Datasheet HTML 8Page - Microchip Technology RN4871 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
 2016 Microchip Technology Inc.
DS50002489A-page 5
RN4870/71
FIGURE 1-1:
PIN DIAGRAM - RN4870U
FIGURE 1-2:
PIN DIAGRAM - RN4870
30
—
1
1
BT_RF
A I/O
External Antenna connection (50 ohms)
—
33
—
—
GND
Power
Ground Reference
Legend: Pin Type Abbreviations:
A = Analog
D = Digital
I/O = Input/Output
I/p = Input
O/p = Output
TABLE 1-2:
PIN DESCRIPTION (CONTINUED)
RN4870U RN4870 RN4871U RN4871
Name
Type
Description
TP-2
TP-2 CLDO_O
TP-1 VCC_PA
TP-3 VCC_RF
TP-1
TP-3
GND
GND
VBAT
P2_2
VDD_IO
VDD_IO
ULPC_O
P2_3
BK_O
P2_7/TX_IND
P1_1
P1_2
P1_3
P0_2/LED
P0_7
P3_5
P3_4
P3_3
P3_2
P3_1
UART_TX
UART_RX
3
4
5
6
7
8
9
10
11
12
20
21
22
23
24
25
26
27
28
29
30
1
BT_RF
2
30
1
Top View
Bottom View
TP-2
TP-2 CLDO_O
TP-1 VCC_PA
TP-3 VCC_RF
TP-1
TP-3
GND
GND
GND
GND
GND
GND
VBAT
P2_2
VDD_IO
VDD_IO
ULPC_O
P2_3
BK_O
P2_7/TX_IND
P1_1
P1_2
P1_3
P0_2/LED
P0_7
P3_5
P3_4
P3_3
P3_2
P3_1
UART_TX
UART_RX
1
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
22
23
24
25
26
27
28
29
30
31
32
33
Top View
Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com