Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4871 Datasheet(PDF) 13 Page - Microchip Technology

Part # RN4871
Description  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4871 Datasheet(HTML) 13 Page - Microchip Technology

Back Button RN4871 Datasheet HTML 9Page - Microchip Technology RN4871 Datasheet HTML 10Page - Microchip Technology RN4871 Datasheet HTML 11Page - Microchip Technology RN4871 Datasheet HTML 12Page - Microchip Technology RN4871 Datasheet HTML 13Page - Microchip Technology RN4871 Datasheet HTML 14Page - Microchip Technology RN4871 Datasheet HTML 15Page - Microchip Technology RN4871 Datasheet HTML 16Page - Microchip Technology RN4871 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
 2016 Microchip Technology Inc.
DS50002489A-page 13
RN4870/71
4.0
PHYSICAL DIMENSIONS AND
ATTRIBUTES
4.1
RN4870 Module
Figure 4-1 shows the physical dimensions of the
RN4870 module. Figure 4-2 illustrates the recom-
mended PCB layout, and Figure 4-3 shows the recom-
mended mounting details.
Ensure that there is no top copper layer near the test
pin area, indicated by the shaded keep out areas, as
shown in Figure 4-2. When laying out the host PCB, the
areas under the antenna must not contain any top,
inner layer, or bottom copper as shown in Figure 4-3. A
low-impedance ground plane ensures the best radio
performance (best range; lowest noise). Figure 4-3
also shows a minimum ground plane area to the left
and right side of the module for best antenna
performance. The ground plane can be extended
beyond the minimum recommended as required for
host PCB EMC noise reduction. For best range
performance, keep all external metal at least 30 mm
away from the ceramic chip antenna.
FIGURE 4-1:
RN4870 MODULE DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com