Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4871 Datasheet(PDF) 37 Page - Microchip Technology

Part # RN4871
Description  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4871 Datasheet(HTML) 37 Page - Microchip Technology

Back Button RN4871 Datasheet HTML 33Page - Microchip Technology RN4871 Datasheet HTML 34Page - Microchip Technology RN4871 Datasheet HTML 35Page - Microchip Technology RN4871 Datasheet HTML 36Page - Microchip Technology RN4871 Datasheet HTML 37Page - Microchip Technology RN4871 Datasheet HTML 38Page - Microchip Technology RN4871 Datasheet HTML 39Page - Microchip Technology RN4871 Datasheet HTML 40Page - Microchip Technology RN4871 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
 2016 Microchip Technology Inc.
DS50002489A-page 37
RN4870/71
10.0 REGULATORY APPROVAL
This section outlines the regulatory information for the
RN4870/71 module for the following countries:
• United States
• Canada
• Europe
• Japan
• Korea
• Taiwan
• Other Regulatory Jurisdictions
10.1
United States
The RN4870/71 module has received Federal Commu-
nications Commission (FCC) CFR47 Telecommunica-
tions, Part 15 Subpart C “Intentional Radiators” single-
modular approval in accordance with Part 15.212 Mod-
ular Transmitter approval. Single-modular transmitter
approval is defined as a complete RF transmission
sub-assembly, designed to be incorporated into
another device, that must demonstrate compliance
with FCC rules and policies independent of any host. A
transmitter with a modular grant can be installed in dif-
ferent end-use products (referred to as a host, host
product, or host device) by the grantee or other equip-
ment manufacturer, then the host product may not
require additional testing or equipment authorization
for the transmitter function provided by that specific
module or limited module device.
A host product itself is required to comply with all other
applicable FCC equipment authorization regulations,
requirements, and equipment functions that are not
associated with the transmitter module portion. For
example, compliance must be demonstrated: to regula-
tions for other transmitter components within a host
product; to requirements for unintentional radiators
(Part 15 Subpart B), such as digital devices, computer
peripherals, radio receivers, etc.; and to additional
authorization requirements for the non-transmitter
functions on the transmitter module (i.e., Verification or
Declaration of Conformity) as appropriate (e.g., Blue-
tooth and Wi-Fi transmitter modules may also contain
digital logic functions).
10.1.1
LABELING AND USER
INFORMATION REQUIREMENTS
The RN4870 module has been labeled with its own
FCC ID number, and if the FCC ID is not visible when
the module is installed inside another device, then the
outside of the finished product into which the module is
installed must also display a label referring to the
enclosed module. This exterior label can use wording
as follows:
For the RN4870 module:
Due to the limited size of the RN4871, the FCC Identi-
fier (FCC ID) is not displayed on the module. Therefore,
the FCC ID must be placed on the outside of the fin-
ished product into which the module is installed must
also display a label referring to the enclosed module.
This exterior label can use wording as follows:
For the RN4871 module:
Contains Transmitter Module
FCC ID: A8TBM70ABCDEFGH
or
Contains FCC ID: A8TBM70ABCDEFGH
This device complies with Part 15 of the FCC Rules.
Operation is subject to the following two conditions:
(1) this device may not cause harmful interference,
and (2) this device must accept any interference
received, including interference that may cause
undesired operation.
Contains Transmitter Module
FCC ID: A8TBM71S2
or
Contains FCC ID: A8TBM71S2
This device complies with Part 15 of the FCC Rules.
Operation is subject to the following two conditions:
(1) this device may not cause harmful interference,
and (2) this device must accept any interference
received, including interference that may cause
undesired operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com