Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4871 Datasheet(PDF) 31 Page - Microchip Technology

Part # RN4871
Description  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4871 Datasheet(HTML) 31 Page - Microchip Technology

Back Button RN4871 Datasheet HTML 27Page - Microchip Technology RN4871 Datasheet HTML 28Page - Microchip Technology RN4871 Datasheet HTML 29Page - Microchip Technology RN4871 Datasheet HTML 30Page - Microchip Technology RN4871 Datasheet HTML 31Page - Microchip Technology RN4871 Datasheet HTML 32Page - Microchip Technology RN4871 Datasheet HTML 33Page - Microchip Technology RN4871 Datasheet HTML 34Page - Microchip Technology RN4871 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
 2016 Microchip Technology Inc.
DS50002489A-page 31
RN4870/71
7.0
SUPPORTED SERVICES
The RN4870 supports four built-in GATT services:
• Device Information public service
• Airpatch private service, which handles Over The
Air (OTA) updates
• BeaconThings, which handles beacon services
control
• UART Transparent private service, which handles
data streaming function
In addition to the above predefined private services, the
RN4870 provides the ability to create private services.
If the services are supported on both end points of a
Bluetooth Low Energy connection, such as Central and
Peripheral devices, data can be exchanged. For
example, two RN4870 modules can define a custom
(private) service with its own unique characteristics.
Data can be exchanged easily via Command API.
Private services are not registered with the Bluetooth
SIG, and therefore not interoperable with other
Bluetooth Low Energy devices, unless the device
implements the private service. An example of a built-
in private service is the Transparent UART. For an
example on how to create a custom service using the
RN4870, refer to “RN4870/71 Bluetooth® Low Energy
Module User's Guide” (DS50002466A).
RN4870 allows custom defined services up to five
public and four private services. Each custom defined
service
allows
up
to
eight
custom
defined
characteristics. All service definitions are saved in
on-board Non-Volatile Memory (NVM) where the user
must setup the module only once.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com