Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4871 Datasheet(PDF) 27 Page - Microchip Technology

Part # RN4871
Description  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4871 Datasheet(HTML) 27 Page - Microchip Technology

Back Button RN4871 Datasheet HTML 23Page - Microchip Technology RN4871 Datasheet HTML 24Page - Microchip Technology RN4871 Datasheet HTML 25Page - Microchip Technology RN4871 Datasheet HTML 26Page - Microchip Technology RN4871 Datasheet HTML 27Page - Microchip Technology RN4871 Datasheet HTML 28Page - Microchip Technology RN4871 Datasheet HTML 29Page - Microchip Technology RN4871 Datasheet HTML 30Page - Microchip Technology RN4871 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
FIGURE 5-5:
RN4871U REFERENCE CIRCUIT
VBAT
11
BK_I
10
P1_6
13
P1_2 2
P1_3 3
UART_TX 4
BT_RF 1
GND
12
RN4871U
U1
LD1
GND
330
R1
GND
VCC
VCC
UART_TX
UART_RX
P1_2
P1_3
4.7k
R2
VCC
P0_2
STS2301
Q1
P0_0
P2_0
P1_6
P3_6
P1_2
P1_3
P2_7
P2_0
Configurable I/O
P2_0
MODE
Low
High
Test Mode
APP Mode
P2_0
Low
High
MODE
Test Mode
APP Mode
1
2
J1
GND
1
2
3
4
5
J2
GND
Power Input
Reverse Voltage Protection
Configuration Interface
VCC
UART_TX
UART_RX
UART Interface
LED Option
P0_2
10uF 6.3V X5R
C1
GND
P1_6
P1_7
GND
1uF
C2
GND
GND
C3
C4
ANT1
1nH
L1
GND
Antenna Matching
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com