Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4871 Datasheet(PDF) 38 Page - Microchip Technology

Part # RN4871
Description  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4871 Datasheet(HTML) 38 Page - Microchip Technology

Back Button RN4871 Datasheet HTML 34Page - Microchip Technology RN4871 Datasheet HTML 35Page - Microchip Technology RN4871 Datasheet HTML 36Page - Microchip Technology RN4871 Datasheet HTML 37Page - Microchip Technology RN4871 Datasheet HTML 38Page - Microchip Technology RN4871 Datasheet HTML 39Page - Microchip Technology RN4871 Datasheet HTML 40Page - Microchip Technology RN4871 Datasheet HTML 41Page - Microchip Technology RN4871 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
RN4870/71
DS50002489A-page 38
 2016 Microchip Technology Inc.
A user’s manual for the product should include the fol-
lowing statement:
Additional information on labeling and user information
requirements for Part 15 devices can be found in KDB
Publication 784748 available at the FCC Office of Engi-
neering and Technology (OET) Laboratory Division
Knowledge Database (KDB)
http://apps.fcc.gov/oetcf/kdb/index.cfm.
10.1.2
RF EXPOSURE
All transmitters regulated by FCC must comply with RF
exposure requirements. KDB Publication 447498 Gen-
eral RF Exposure Guidance provides guidance in
determining whether proposed or existing transmitting
facilities, operations or devices comply with limits for
human exposure to Radio Frequency (RF) fields
adopted by the Federal Communications Commission
(FCC).
Output power listed is conducted. This grant is valid
only when the module is sold to OEM integrators and
must be installed by the OEM or OEM integrators. This
transmitter is restricted for use with the specific
antenna(s) tested in this application for Certification
and must not be co-located or operating in conjunction
with any other antenna or transmitters within a host
device, except in accordance with FCC multi-transmit-
ter product procedures. This module is approved for
installation into mobile or/and portable host platforms.
10.1.3
HELPFUL WEB SITES
Federal Communications Commission (FCC):
http://www.fcc.gov
FCC Office of Engineering and Technology (OET) Lab-
oratory Division Knowledge Database (KDB):
http://apps.fcc.gov/oetcf/kdb/index.cfm
10.2
Canada
The RN4870/71 module has been certified for use in
Canada under Industry Canada (IC) Radio Standards
Procedure
(RSP)
RSP-100,
Radio
Standards
Specification (RSS) RSS-Gen, RSS-210, and RSS-
247. Modular approval permits the installation of a
module in a host device without the need to recertify
the device.
10.2.1
LABELING AND USER
INFORMATION REQUIREMENTS
Labeling Requirements (from RSP-100 - Issue 10,
Section 3): The host device shall be properly labeled to
identify the module within the host device.
Modular Devices (from RSP-100 - Issue 10, Section 7):
The Industry Canada certification label of a module
shall be clearly visible at all times when installed in the
host device, otherwise the host device must be labeled
to display the Industry Canada certification number of
the module, preceded by the words “Contains transmit-
ter module”, or the word “Contains”, or similar wording
expressing the same meaning, as follows:
For the RN4870 module:
Due to the limited size of the RN4871, the Industry
Canada certification number is not displayed on the
module. Therefore, the host device must be labeled to
display the Industry Canada certification number of the
module, preceded by the words “Contains transmitter
module”, or the word “Contains”, or similar wording
expressing the same meaning, as follows:
This equipment has been tested and found to comply
with the limits for a Class B digital device, pursuant to
part 15 of the FCC Rules. These limits are designed
to provide reasonable protection against harmful
interference in a residential installation. This equip-
ment generates, uses and can radiate radio fre-
quency energy, and if not installed and used in
accordance with the instructions, may cause harmful
interference to radio communications. However,
there is no guarantee that interference will not occur
in a particular installation. If this equipment does
cause harmful interference to radio or television
reception, which can be determined by turning the
equipment off and on, the user is encouraged to try to
correct the interference by one or more of the follow-
ing measures:
• Reorient or relocate the receiving antenna.
• Increase the separation between the equipment
and receiver.
• Connect the equipment into an outlet on a circuit
different from that to which the receiver is con-
nected.
• Consult the dealer or an experienced radio/TV
technician for help.
Contains transmitter module
IC: 12246A-BM70BLES1F2
Contains transmitter module
IC: 12246A-BM71S2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com