Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4817 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4817
Description  1W Stereo Audio Amplifier Plus Adjustable Output Limiter Plus Adjustable LDO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4817 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4817 Datasheet HTML 1Page - National Semiconductor (TI) LM4817 Datasheet HTML 2Page - National Semiconductor (TI) LM4817 Datasheet HTML 3Page - National Semiconductor (TI) LM4817 Datasheet HTML 4Page - National Semiconductor (TI) LM4817 Datasheet HTML 5Page - National Semiconductor (TI) LM4817 Datasheet HTML 6Page - National Semiconductor (TI) LM4817 Datasheet HTML 7Page - National Semiconductor (TI) LM4817 Datasheet HTML 8Page - National Semiconductor (TI) LM4817 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM4817
1W Stereo Audio Amplifier Plus Adjustable Output
Limiter Plus Adjustable LDO
General Description
The LM4817 combines a bridge-connected (BTL) stereo
audio power amplifier with a low dropout voltage regulator
(LDO). The audio amplifier delivers 1.0W to a 8
Ω load with a
less than 1.0% THD+N while operating on a 5V power
supply. With V
LIM set to 1.0V, the amplifier outputs are
clamped to 6V
p-p, ±800mV.
With the LM4817’s adjustable low-dropout (LDO) CMOS
linear regulator delivers an output current of up to 300mA,
has shutdown mode (1nA, typ) low quiescent current (90µA,
typ) and LDO voltage (120mV, typ). The regulator is stable
with small ceramic capacitive load (2.2µF, typ). The regulator
includes regulation fault detection, a bandgap voltage refer-
ence, and constant current limiting. It is designed for low
power, low current applications that can take advantage of
its 300mA output current capability.
The LM4817 features an externally controlled micropower
shutdown mode and thermal shutdown protection. It also
utilizes circuitry that reduces "clicks and pops" during device
turn-on and return from shutdown.
Boomer audio power amplifiers are designed specifically to
use few external components and provide high quality output
power in a surface mount package.
Key Specifications
n
P
O (BTL): VDD = 5V, THD+N
≤ 1%, R
L =8
Ω 1.0W(typ)
n
Power supply range (amplifier)
3.0V to 5.5V
n
Power supply range (LDO)
2.5V to 6.0V
n
Shutdown current
0.07µA (typ)
n
LDO output current
300mA (min)
n
LDO dropout voltage (I
OUT = 300mA)
120mV (typ)
n
LDO quiescent supply current
90µA (typ)
n
LDO shutdown supply current
1nA (typ)
n
LDO PSRR
60dB
n
LDO turn-on time
120ms (typ)
n
LDO ouput noise-voltage
37µV
RMS (typ)
Features
n
Stereo BTL amplifier
n
Adjustable output voltage magnitude limiter
n
Adjustable LDO regulator
n
“Click and pop” suppression circuitry
n
LDO is stable with small-value ceramic output capacitors
n
Unity-gain stable audio amplifiers
n
LDO has over-current protection
n
Thermal shutdown protection circuitry
n
TSSOP (MH) package
Applications
n
Multimedia monitors
n
Portable and desktop computers
n
Portable televisions
Connection Diagram
20078129
Top View
Order Number LM4817MH
See NS Package Number MXA28A for TSSOP
Boomer® is a registered trademark of National Semiconductor Corporation.
March 2004
© 2004 National Semiconductor Corporation
DS200781
www.national.com


Similar Part No. - LM4817

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4810 NSC-LM4810 Datasheet
928Kb / 18P
Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
Texas Instruments
LM4810 TI-LM4810 Datasheet
1Mb / 25P
Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
National Semiconductor ...
LM48100Q NSC-LM48100Q Datasheet
583Kb / 24P
Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Texas Instruments
LM48100Q TI-LM48100Q Datasheet
949Kb / 24P
LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
LM48100Q-Q1 TI1-LM48100Q-Q1 Datasheet
1Mb / 28P
Audio Power Amplifier
More results

Similar Description - LM4817

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4915 STMICROELECTRONICS-L4915 Datasheet
99Kb / 7P
ADJUSTABLE VOLTAGE REGULATOR PLUS FILTER
Jun-1993
logo
National Semiconductor ...
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
Dual 2.1W Audio Amplifier Plus Stereo Headphone
LM4801 NSC-LM4801 Datasheet
725Kb / 20P
1W Stereo Audio Amplifier Plus Adjustable LDO
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
National Semiconductor ...
LM4816 NSC-LM4816 Datasheet
429Kb / 13P
1W Stereo Audio Amplifier Adjustable Output Limiter
logo
STMicroelectronics
PM6680A STMICROELECTRONICS-PM6680A Datasheet
1Mb / 48P
Dual synchronous step-down controller with adjustable output voltages plus LDO
17-Dec-2007
logo
National Semiconductor ...
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Unisonic Technologies
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Integrated Silicon Solu...
IS31AP4088A-QFLS2-TR ISSI-IS31AP4088A-QFLS2-TR Datasheet
346Kb / 20P
DUAL 2.84W STEREO AUDIO AMPLIFIER PLUS HEADPHONE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com