Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4817 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4817
Description  1W Stereo Audio Amplifier Plus Adjustable Output Limiter Plus Adjustable LDO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4817 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM4817 Datasheet HTML 13Page - National Semiconductor (TI) LM4817 Datasheet HTML 14Page - National Semiconductor (TI) LM4817 Datasheet HTML 15Page - National Semiconductor (TI) LM4817 Datasheet HTML 16Page - National Semiconductor (TI) LM4817 Datasheet HTML 17Page - National Semiconductor (TI) LM4817 Datasheet HTML 18Page - National Semiconductor (TI) LM4817 Datasheet HTML 19Page - National Semiconductor (TI) LM4817 Datasheet HTML 20Page - National Semiconductor (TI) LM4817 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Application Information (Continued)
Resistor value for V
UT and VLT are determined as follows:
(The application of Figure 6 used a G
T of 5µ mho)
The above procedure assumes a rail-to-rail output compara-
tor. Essentially, R
2 is in parallel with R1 prior to reaching the
lower threshold, then R
2 becomes parallel with R3 for the
upper threshold. Note that the application requires rail-to-rail
input as well.
The resistor values shown in Figure 7 are the closest prac-
tical to calculated values.
Fast Start-up
The LM4817’s LDO provides fast start-up time for better
system efficiency. The start-up speed is maintained when
using the optional noise bypass capacitor. An internal 500µA
current source charges the capacitor until it reaches about
90% of its final value.
RECOMMENDED PRINTED CIRCUIT BOARD LAYOUT
Figures 8 through 10 show the recommended two-layer PC
board layout that is optimized for the 28-pin MH-packaged
LM4817 and associated components. These circuits are
designed for use with an external 5V supply and 8
Ω (or
greater) speakers.
This circuit board is easy to use. Apply 5V and ground to the
board’s V
DD and GND pads, respectively. Connect speakers
between the board’s -OUTA and +OUTA and OUTB and
+OUTB pads. Apply the stereo input signal to the input pins
labeled "-INA" and "-INB." The stereo input signal’s ground
references are connected to the respective input channel’s
"GND" pin, adjacent to the input pins.
200781C0
FIGURE 7. Minimum Battery Detector that Disconnects
the Load Via the SHDN Pin of the LM4817
200781D2
FIGURE 8. Recommended MH board layout:
component-side silkscreen
20078145
FIGURE 9. Recommended MHPC board layout:
component-side layout
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com