Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4817 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4817
Description  1W Stereo Audio Amplifier Plus Adjustable Output Limiter Plus Adjustable LDO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4817 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4817 Datasheet HTML 8Page - National Semiconductor (TI) LM4817 Datasheet HTML 9Page - National Semiconductor (TI) LM4817 Datasheet HTML 10Page - National Semiconductor (TI) LM4817 Datasheet HTML 11Page - National Semiconductor (TI) LM4817 Datasheet HTML 12Page - National Semiconductor (TI) LM4817 Datasheet HTML 13Page - National Semiconductor (TI) LM4817 Datasheet HTML 14Page - National Semiconductor (TI) LM4817 Datasheet HTML 15Page - National Semiconductor (TI) LM4817 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Application Information
BRIDGE CONFIGURATION EXPLANATION
As shown in Figure 1, the LM4817 consists of two pairs of
operational amplifiers, forming a two-channel (channel A and
channel B) stereo amplifier. (Though the following discusses
channel A, it applies equally to channel B.) External resistors
R
f and Ri set the closed-loop gain of Amp1A, whereas two
internal 20k
Ω resistors set Amp2A’s gain at -1. The LM4817
drives a load, such as a speaker, connected between the two
amplifier outputs, -OUTA and +OUTA.
Figure 1 shows that Amp1A’s output serves as Amp2A’s
input. This results in both amplifiers producing signals iden-
tical in magnitude, but 180˚ out of phase. Taking advantage
of this phase difference, a load is placed between -OUTA
and +OUTA and driven differentially (commonly referred to
as "bridge mode"). This results in a differential gain of
A
VD =2x(Rf /Ri)
(1)
Bridge mode amplifiers are different from single-ended am-
plifiers that drive loads connected between a single amplifi-
er’s output and ground. For a given supply voltage, bridge
mode has a distinct advantage over the single-ended con-
figuration: its differential output doubles the voltage swing
across the load. This produces four times the output power
when compared to a single-ended amplifier under the same
conditions. This increase in attainable output power as-
sumes that the amplifier is not current limited or that the
output signal is not clipped. To ensure minimum output sig-
nal clipping when choosing an amplifier’s closed-loop gain,
refer to the Audio Power Amplifier Design section.
Another advantage of the differential bridge output is no net
DC voltage across the load. This is accomplished by biasing
channel A’s and channel B’s outputs at half-supply. This
eliminates the coupling capacitor that single supply, single-
ended amplifiers require. Eliminating an output coupling ca-
pacitor in a single-ended configuration forces a single-supply
amplifier’s half-supply bias voltage across the load. This
increases internal IC power dissipation and may perma-
nently damage loads such as speakers.
POWER DISSIPATION
Power dissipation is a major concern when designing a
successful single-ended or bridged amplifier. Equation (2)
states the maximum power dissipation point for a single-
ended amplifier operating at a given supply voltage and
driving a specified output load
P
DMAX =(VDD)
2 /(2
π2 R
L) Single-Ended
(2)
However, a direct consequence of the increased power de-
livered to the load by a bridge amplifier is higher internal
power dissipation for the same conditions.
20078101
* Refer to the section Proper Selection of External Components, for a detailed discussion of CB size.
FIGURE 1. Typical Audio Amplifier Application Circuit
Pin out shown for the LLP package. Refer to the Connection Diagrams for the pinout of the TSSOP package.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com