Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4817 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4817
Description  1W Stereo Audio Amplifier Plus Adjustable Output Limiter Plus Adjustable LDO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4817 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM4817 Datasheet HTML 13Page - National Semiconductor (TI) LM4817 Datasheet HTML 14Page - National Semiconductor (TI) LM4817 Datasheet HTML 15Page - National Semiconductor (TI) LM4817 Datasheet HTML 16Page - National Semiconductor (TI) LM4817 Datasheet HTML 17Page - National Semiconductor (TI) LM4817 Datasheet HTML 18Page - National Semiconductor (TI) LM4817 Datasheet HTML 19Page - National Semiconductor (TI) LM4817 Datasheet HTML 20Page - National Semiconductor (TI) LM4817 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Application Information (Continued)
the error amplifier. The second term expresses the zero
(numerator) and pole (denominator) of the load in combina-
tion with the R
O of the regulator.
Figure 5 shows a Bode plot that represents a case where the
zero contributed by the load is too high to cancel the effect of
the pole contributed by the load and R
O. The solid line
illustrates the loop gain while the dashed line illustrates the
corresponding phase shift. Notice that the phase shift at
unity gain is a total 360˚ -the criteria for oscillation.
The LDO generates an internal zero that makes up for the
inadequately high zero of the low ESR ceramic output ca-
pacitor. This internally generated zero is strategically placed
to provide positive phase shift near unity gain, thus providing
a stable phase margin.
No-Load Stability
The LM4817 remains stable during no-load conditions, a
necessary feature for CMOS RAM keep-alive applications.
Input Capacitor
The LM4817 requires a minimum input capacitance of about
1µF. The value may be increased indefinitely. The type is not
critical to stability. However, instability may occur with bench
set-ups where long supply leads are used, particularly at
near dropout and high current conditions. This is attributed to
the lead inductance coupling to the output through the gate
oxide of the pass transistor; thus, forming a pseudo LCR
network within the Loop-gain. A 10µF tantalum input capaci-
tor remedies this non-situ condition; its larger ESR acts to
dampen the pseudo LCR network. This may only be neces-
sary for some bench setups. 1µF ceramic input capacitor are
fine for most end-use applications.
If a tantalum input capacitor is intended for the final applica-
tion, it is important to consider their tendency to fail in short
circuit mode, thus potentially damaging the part.
Noise Bypass Capacitor
The noise bypass capacitor (CC) significantly reduces the
LDO’soutput noise. Connect the CC capacitor between pin 6
and ground. The optimum value for CC is 33nF.
Pin 6 directly connects to the high impedance output of the
bandgap. The DC leakage of the CC capacitor should be
considered; loading down the reference will reduce the out-
put voltage. NPO and COG ceramic capacitors typically offer
very low leakage. Polypropylene and polycarbonate film car-
bonate capacitor offer even lower leakage currents.
CC does not affect the transient response; however, it does
affect turn-on time. The smaller the CC value, the quicker the
turn-on time.
200781B8
FIGURE 5. Loop Gain Bode Plot Illustrating
Inadequately High Zero for Stability Compensation
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com