Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4817 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4817
Description  1W Stereo Audio Amplifier Plus Adjustable Output Limiter Plus Adjustable LDO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4817 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4817 Datasheet HTML 11Page - National Semiconductor (TI) LM4817 Datasheet HTML 12Page - National Semiconductor (TI) LM4817 Datasheet HTML 13Page - National Semiconductor (TI) LM4817 Datasheet HTML 14Page - National Semiconductor (TI) LM4817 Datasheet HTML 15Page - National Semiconductor (TI) LM4817 Datasheet HTML 16Page - National Semiconductor (TI) LM4817 Datasheet HTML 17Page - National Semiconductor (TI) LM4817 Datasheet HTML 18Page - National Semiconductor (TI) LM4817 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Application Information (Continued)
AUDIO POWER AMPLIFIER DESIGN
Audio Amplifier Design: Driving 1W into an 8
Ω Load
The following are the desired operational parameters:
Power Output:
1W
RMS
Load Impedance:
8
Ω
Input Level:
1V
RMS
Input Impedance:
20k
Ω
Bandwidth:
100Hz−20 kHz ± 0.25 dB
The design begins by specifying the minimum supply voltage
necessary to obtain the specified output power. One way to
find the minimum supply voltage is to use the Output Power
vs Supply Voltage curve in the Typical Performance Char-
acteristics section. Another way, using Equation (4), is to
calculate the peak output voltage necessary to achieve the
desired output power for a given load impedance. To ac-
count for the amplifier’s dropout voltage, two additional volt-
ages, based on the Dropout Voltage vs Supply Voltage in the
Typical Performance Characteristics curves, must be
added to the result obtained by Equation (8). The result in
Equation (9).
(8)
V
DD
≥ (V
OUTPEAK +(VODTOP +VODBOT))
(9)
The Output Power vs Supply Voltage graph for an 8
Ω load
indicates a minimum supply voltage of 4.6V. This is easily
met by the commonly used 5V supply voltage. The additional
voltage creates the benefit of headroom, allowing the
LM4817 to produce peak output power in excess of 1W
without clipping or other audible distortion. The choice of
supply voltage must also not create a situation that violates
maximum power dissipation as explained above in the
Power Dissipation section.
After satisfying the LM4817’s power dissipation require-
ments, the minimum differential gain is found using Equation
(10).
(10)
Thus, a minimum gain of 2.83 allows the LM4817’s to reach
full output swing and maintain low noise and THD+N perfor-
mance. For this example, let A
VD =3.
The amplifier’s overall gain is set using the input (R
i) and
feedback (R
f) resistors. With the desired input impedance
set at 20k
Ω, the feedback resistor is found using Equation
(11).
R
f/Ri =AVD/2
(11)
The value of R
f is 30k
Ω.
The last step in this design example is setting the amplifier’s
−3dB frequency bandwidth. To achieve the desired ±0.25dB
pass band magnitude variation limit, the low frequency re-
sponse must extend to at least one−fifth the lower bandwidth
limit and the high frequency response must extend to at least
five times the upper bandwidth limit. The gain variation for
both response limits is 0.17dB, well within the ±0.25dB
desired limit. The results are an
f
L = 100Hz/5 = 20Hz
(12)
and an
F
H = 20kHzx5 = 100kHz
(13)
As mentioned in the External Components section, R
i
and C
i create a highpass filter that sets the amplifier’s lower
bandpass frequency limit. Find the coupling capacitor’s
value using Equation (14).
(14)
the result is
1/(2
π*20kΩ*20Hz) = 0.398µF
(15)
Use a 0.39µF capacitor, the closest standard value.
The product of the desired high frequency cutoff (100kHz in
this example) and the differential gain, A
VD, determines the
upper passband response limit. With A
VD = 3 and fH =
100kHz, the closed-loop gain bandwidth product (GBWP) is
300kHz. This is less than the LM4817’s 3.5MHz GBWP. With
this margin, the amplifier can be used in designs that require
more differential gain while avoiding performance-lrestricting
bandwidth limitations.
LDO General Information
Figure 2 shows the LM4817’s LDO functional block diagram.
A 1.25V bandgap reference, an error amplifier and a PMOS
pass transistor perform voltage regulation while being sup-
ported by shutdown, fault, and the usual Temperature and
current protection circuitry
The regulator’s topology is the classic type with negative
feedback from the output to one of the inputs of the error
amplifier. Feedback resistors R
1 and R2 are either internal or
external to the IC, depending on whether it is the fixed
voltage version or the adjustable version. The negative feed-
back and high open loop gain of the error amplifier cause the
two inputs of the error amplifier to be virtually equal in
voltage. If the output voltage changes due to load changes,
the error amplifier provides the appropriate drive to the pass
transistor to maintain the error amplifier’s inputs as virtually
equal. In short, the error amplifier keeps the output voltage
constant in order to keep its inputs equal.
Output Voltage Setting
The output voltage is set according to the amount of nega-
tive feedback (Note that the pass transistor inverts the feed-
back signal). Figure 3 simplifies the LDO’s topology. This
200781A0
FIGURE 2. LDO Functional Block Diagram
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com