Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4817 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4817
Description  1W Stereo Audio Amplifier Plus Adjustable Output Limiter Plus Adjustable LDO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4817 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4817 Datasheet HTML 10Page - National Semiconductor (TI) LM4817 Datasheet HTML 11Page - National Semiconductor (TI) LM4817 Datasheet HTML 12Page - National Semiconductor (TI) LM4817 Datasheet HTML 13Page - National Semiconductor (TI) LM4817 Datasheet HTML 14Page - National Semiconductor (TI) LM4817 Datasheet HTML 15Page - National Semiconductor (TI) LM4817 Datasheet HTML 16Page - National Semiconductor (TI) LM4817 Datasheet HTML 17Page - National Semiconductor (TI) LM4817 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Application Information (Continued)
SELECTING PROPER EXTERNAL COMPONENTS
Optimizing the LM4817’s performance requires properly se-
lecting external components. Though the LM4817 operates
well when using external components with wide tolerances,
best performance is achieved by optimizing component val-
ues.
The LM4817 is unity-gain stable, giving a designer maximum
design flexibility. The gain should be set to no more than a
given application requires. This allows the amplifier to
achieve minimum THD+N and maximum signal-to-noise ra-
tio. These parameters are compromised as the closed-loop
gain increases. However, low gain demands input signals
with greater voltage swings to achieve maximum output
power. Fortunately, many signal sources such as audio CO-
DECs have outputs of 1V
RMS (2.83VP-P). Please refer to the
Audio Power Amplifier Design section for more informa-
tion on selecting the proper gain.
Input Capacitor Value Selection
Amplifying the lowest audio frequencies requires high value
input coupling capacitor (C
i in Figure 1). A high value capaci-
tor can be expensive and may compromise space efficiency
in portable designs. In many cases, however, the speakers
used in portable systems, whether internal or external, have
little ability to reproduce signals below 150Hz. Applications
using speakers with this limited frequency response reap
little improvement by using large input capacitor.
Besides effecting system cost and size, C
i has an affect on
the LM4817’s click and pop performance. When the supply
voltage is first applied, a transient (pop) is created as the
charge on the input capacitor changes from zero to a quies-
cent state. The magnitude of the pop is directly proportional
to the input capacitor’s size. Higher value capacitors need
more time to reach a quiescent DC voltage (usually V
DD/2)
when charged with a fixed current. The amplifier’s output
charges the input capacitor through the feedback resistor,
R
f. Thus, pops can be minimized by selecting an input
capacitor value that is no higher than necessary to meet the
desired -3dB frequency.
A shown in Figure 1, the input resistor (R
I) and the input
capacitor, C
I produce a −3dB high pass filter cutoff frequency
that is found using Equation (7).
(7)
As an example when using a speaker with a low frequency
limit of 150Hz, C
I, using Equation (4), is 0.063µF. The 1.0µF
C
I shown in Figure 1 allows the LM4817 to drive high effi-
ciency, full range speaker whose response extends below
30Hz.
Bypass Capacitor Value Selection
Besides minimizing the input capacitor size, careful consid-
eration should be paid to value of C
B, the capacitor con-
nected to the BYPASS pin. Since C
B determines how fast
the LM4817 settles to quiescent operation, its value is critical
when minimizing turn−on pops. The slower the LM4817’s
outputs ramp to their quiescent DC voltage (nominally 1/2
V
DD), the smaller the turn−on pop. Choosing CB equal to
1.0µF along with a small value of C
i (in the range of 0.1µF to
0.39µF), produces a click-less and pop-less shutdown func-
tion. As discussed above, choosing C
i no larger than neces-
sary for the desired bandwidth helps minimize clicks and
pops.
OPTIMIZING CLICK AND POP REDUCTION
PERFORMANCE
The LM4817 contains circuitry to minimize turn-on and shut-
down transients or "clicks and pop". For this discussion,
turn-on refers to either applying the power supply voltage or
when the shutdown mode is deactivated. While the power
supply is ramping to its final value, the LM4817’s internal
amplifiers are configured as unity gain buffers. An internal
current source changes the voltage of the BYPASS pin in a
controlled, linear manner. Ideally, the input and outputs track
the voltage applied to the BYPASS pin. The gain of the
internal amplifiers remains unity until the voltage on the
bypass pin reaches 1/2 V
DD. As soon as the voltage on the
BYPASS pin is stable, the device becomes fully operational.
Although the bypass pin current cannot be modified, chang-
ing the size of C
B alters the device’s turn-on time and the
magnitude of "clicks and pops". Increasing the value of C
B
reduces the magnitude of turn-on pops. However, this pre-
sents a tradeoff: as the size of C
B increases, the turn-on time
increases. There is a linear relationship between the size of
C
B and the turn-on time. Here are some typical turn-on times
for various values of C
B:
C
B
T
ON
0.01µF
20 ms
0.1µF
200 ms
0.22µF
440 ms
0.47µF
940 ms
1.0µF
2 Sec
In order eliminate "clicks and pops", all capacitors must be
discharged before turn-on. Rapidly switching V
DD may not
allow the capacitors to fully discharge, which may cause
"clicks and pops".
NO LOAD STABILITY
The LM4817 may exhibit low level oscillation when the load
resistance is greater than 10k
Ω. This oscillation only occurs
as the output signal swings near the supply voltages. Pre-
vent this oscillation by connecting a 5k
Ω between the output
pins and ground.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com