Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4817 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4817
Description  1W Stereo Audio Amplifier Plus Adjustable Output Limiter Plus Adjustable LDO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4817 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM4817 Datasheet HTML 12Page - National Semiconductor (TI) LM4817 Datasheet HTML 13Page - National Semiconductor (TI) LM4817 Datasheet HTML 14Page - National Semiconductor (TI) LM4817 Datasheet HTML 15Page - National Semiconductor (TI) LM4817 Datasheet HTML 16Page - National Semiconductor (TI) LM4817 Datasheet HTML 17Page - National Semiconductor (TI) LM4817 Datasheet HTML 18Page - National Semiconductor (TI) LM4817 Datasheet HTML 19Page - National Semiconductor (TI) LM4817 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Application Information (Continued)
type of regulator can be represented as an op amp config-
ured as non-inverting amplifier and a fixed DC Voltage
(V
REF) for its input signal. The special characteristic of this
op amp is its extra-large output transistor that only sources
current. In terms of its non-inverting configuration, the output
voltage equals V
REF times the closed loop gain:
Utilize the following equation for adjusting the output to a
particular voltage:
Choose R
2 = 100k to optimize accuracy, power supply re-
jection, noise and power consumption.
Similarity in the output capabilities exists between op amps
and linear regulators. Just as rail-to-rail output op amps
allow their output voltage to approach the supply voltage,
low dropout regulators (LDOs) allow their output voltage to
operate close to the input voltage. Both achieve this by the
configuration of their output transistors. Standard op amps
and regulator outputs are at the source (or emitter) of the
output transistor. Rail-to-rail op amp and LDO regulator out-
puts are at the drain (or collector) of the output transistor.
This replaces the threshold (or diode drop) limitations on the
output with the less restrictive source-to-drain (or V
SAT) limi-
tations. There is a trade-off, of course. The output imped-
ance become significantly higher, thus providing a critically
lower pole when combined with the capacitive load. That’s
why rail-to-rail op amps are usually poor at driving capacitive
loads and recommend a series output resistor when doing
so. LDOs require the same series resistance except that the
internal resistance of the output capacitor will usually suffice.
Refer to the output capacitance section for more information.
Output Capacitance
The LDO is specifically designed to employ ceramic output
capacitors as low as 2.2µF. Ceramic capacitors below 10µF
offer significant cost and space savings, along with high
frequency noise filtering. Higher values and other types and
of capacitor may be used, but their equivalent series resis-
tance (ESR) should be maintained below 0.5
Ceramic capacitor of the value required by the LDO are
available in the following dielectric types: Z5U, Y5V, X5R and
X7R. The Z5U and Y5V types exhibit a 50% or more drop in
capacitance value as their temperature increases from 25˚C,
an important consideration. The X5R generally maintain their
capacitance value within ±20%. The X7R type are desirable
for their tighter tolerance of 10% over temperature.
Ceramic capacitors pose a challenge because of their rela-
tively low ESR. Like most other LDOs, the LDO relies on a
zero in the frequency response to compensate against ex-
cessive phase shift in the regulator’s feedback loop. If the
phase shift reaches 360˚ (i.e.; becomes positive), the regu-
lator will oscillate. This compensation usually resides in the
zero generated by the combination of the output capacitor
with its equivalent series resistance (ESR). The zero is
intended to cancel the effects of the pole generated by the
load capacitance (C
L) combined with the parallel combina-
tion of the load resistance (R
L) and the output resistance
(R
O) of the regulator. The challenge posed by low ESR
capacitors is that the zero it generates can be too high in
frequency for the pole that it’s intended to compensate. The
LM4817 overcomes this challenge by internally generating a
strategically placed zero.
Figure 4 shows a basic model for the linear regulator that
helps describe what happens to the output signal as it is
processed through its feedback loop; that is, describe its
loop gain (LG). The LG includes two main transfer functions:
the error amplifier and the load. The error amplifier provides
voltage gain and a dominant pole, while the load provides a
zero and a pole. The LG of the model in Figure 3 is described
by the following equation:
The first term of the above equation expresses the voltage
gain (numerator) and a single pole role-off (denominator) of
200781B6
FIGURE 3. Regulator Topology Simplified
200781B7
FIGURE 4. Simplified Model of Regulator
Loop Gain Components
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com