Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4921 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4921
Description  Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4921 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4921 Datasheet HTML 2Page - National Semiconductor (TI) LM4921 Datasheet HTML 3Page - National Semiconductor (TI) LM4921 Datasheet HTML 4Page - National Semiconductor (TI) LM4921 Datasheet HTML 5Page - National Semiconductor (TI) LM4921 Datasheet HTML 6Page - National Semiconductor (TI) LM4921 Datasheet HTML 7Page - National Semiconductor (TI) LM4921 Datasheet HTML 8Page - National Semiconductor (TI) LM4921 Datasheet HTML 9Page - National Semiconductor (TI) LM4921 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical Characteristics DV
DD = 3.0V, AVDD = 3.0V, RL =32Ω (Notes 1, 2)
The following specifications apply for the circuit shown in Figure 1 unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4921
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 9)
DV
DD
Digital Power Supply Voltage
Note 8
3.0
V
AV
DD
Analog Power Supply Voltage
Note 8
3.0
V
DI
DD
Digital Power Supply Quiescent
Current
R
Load = ∞,fMLCK = 11.2896MHz
3.5
7.5
mA (max)
AI
DD
Analog Power Supply Quiescent
Current
R
Load = ∞,fMCLK = 0MHz
5
9.0
mA (max)
I
SD
Total Shutdown Power Supply
Current
SHUTDOWN SPI bits1&2set to
logic 0,
SPI, M
CLK and I
2S inputs at GND
1
uA(max)
I
SB
Standby Current
Analog and Digital together
All clocks off
15
uA
V
FS
Full-Scale Output Voltage
Gain set at max
2.6
V
P-P
THD+N
Total Harmonic Distortion + Noise
f
IN = 1kHz, POUT = 12mW
(Vol Cont = 11011, I
2S input adj to
get 12mW at output)
0.05
%
P
O
Headphone Amplifier Output Power THD = (0.5%), f
OUT = 1kHz
26
mW (min)
PSRR
Power Supply Rejection Ratio
AV
DD CBYPASS = 2.0µF
V
RIPPLE = 200mVP-P 217Hz
52
dB (min)
SNR
Signal-to-Noise Ratio
f
IN = 1kHz sinewave at -60dBFS,
A-weighted-f
CONV = 44.1kHz
79
dB
DR
Dynamic Range
f
IN = 1kHz sinewave at -60dBFS,
A-weighted
81
dB
∆A
CH-CH
Channel-to-Channel Gain Mismatch f
IN = 1kHz
0.06
dB
X
TALK
Channel-to-Channel Crosstalk
f
CONV = 44.1kHz,
f
IN = 1kHz sinewave at -3dBFS
72
dB
Volume Control Range
Minimum Attenuation
Maximum Attenuation
0
-43.5
dB
dB
Volume Control Control Step Size
1.5
dB
Mute Attenuation
-100
dB
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com