Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4921 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4921
Description  Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4921 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4921 Datasheet HTML 10Page - National Semiconductor (TI) LM4921 Datasheet HTML 11Page - National Semiconductor (TI) LM4921 Datasheet HTML 12Page - National Semiconductor (TI) LM4921 Datasheet HTML 13Page - National Semiconductor (TI) LM4921 Datasheet HTML 14Page - National Semiconductor (TI) LM4921 Datasheet HTML 15Page - National Semiconductor (TI) LM4921 Datasheet HTML 16Page - National Semiconductor (TI) LM4921 Datasheet HTML 17Page - National Semiconductor (TI) LM4921 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Application Information (Continued)
DEMO BOARD BILL OF MATERIALS
National Semiconductor Corporation Bill of Material
Analog Audio LM4921ITL20 Eval Board
Assembly Part Number: 980011973-100
Revision A
Item
Part Number
Part Description
Qty
Ref Designator
1
551011973-001 LM4921 Eval Board PCB etch
001
1
2
LM4921 ITL20 micro SMD 20
Bumps
1U1
3
Cer Cap 22pF 50V 10%, size
1206
2
C1, C2
4
Cer Cap 0.1pF 50V 10%, size
1206
1C4
5
Tant Cap 1µF 16V 10%, 3216
3
C3, C5, C8
6
Tant Cap 220µF 16V 10%,
7243
2
C6, C7
7
1 meg ohm
1
R1
8
Crystal 11.2896MHz
1
Y1
9
Phone Jack 3.5mm Stereo
1
J3
10
Jumper Header 1X2
2
P1, S1
11
Jumper Header 1X3
2
J1
12
Jumper Header 1X5
2
J2
13
PCB Banana Jack,
Black-Mouser 164-6218
4
A GND, D GND, GND (2)
14
PCB Banana Jack,
Red-Mouser 164-6219
4
A VDD, D VDD, HP L, HP
R
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com