Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4921 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4921
Description  Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4921 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4921 Datasheet HTML 7Page - National Semiconductor (TI) LM4921 Datasheet HTML 8Page - National Semiconductor (TI) LM4921 Datasheet HTML 9Page - National Semiconductor (TI) LM4921 Datasheet HTML 10Page - National Semiconductor (TI) LM4921 Datasheet HTML 11Page - National Semiconductor (TI) LM4921 Datasheet HTML 12Page - National Semiconductor (TI) LM4921 Datasheet HTML 13Page - National Semiconductor (TI) LM4921 Datasheet HTML 14Page - National Semiconductor (TI) LM4921 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Application Information
SPI OPERATIONAL DESCRIPTION
The serial data bits are organized into a field which contains 16 bits of data defined by TABLE 1. Bits1&2 determine the output
mode of the LM4921 as shown in TABLE 2. Bits 7 through 11 determine the volume level setting as illustrated by TABLE 3. Bit
12 sets the Bypass capacitor charging time.
Table 1. Bit Allocation
BIT #
Default Val
Function
Description
0 (LSB)
0
RESET_B
RESET_B = 0, Resets the DAC
Must be high for the part to run.
10
MODE CONTROL
See Table 2
20
3
0
MASTER/SLAVE
0 = SLAVE, 1 = MASTER
4
0
RESOLUTION
0 = 16 bit,1=32bit
5
0
RESERVED
Should always be set to ’1’
6
0
ZERO CROSSING SET
0 = ZXD ENABLE,1=ZXD
DISABLE
7
0
VOLUME CONTROL
See Table3-Volume Control
Settings
80
90
10
0
11
0
12
0
BYP CHARGE RATE
0 = 1X,1=2X
13
0
RESERVED
14
0
RESERVED
15 (MSB)
0
RESERVED
Should always be set to ’0’
MODE CONTROL
Sets the modes as outlined in Table 2.
Table 2. Output Mode Selection (Bits1&2 above)
Output Mode #
BIT 2
BIT 1
MODE
00
0
SD
1
0
1
STANDBY
2
1
0
MUTE
3
1
1
ACTIVE
Shutdown turns off the part completely for maximum power savings. The Standby mode turns off the clock but still consumes
more power than the shutdown mode. However, coming out of standby mode allows the part to turn back on faster than from
shutdown. In Mute mode the clocks remain on which uses more power but allows faster recovery and the ability to supply clock
signals to other devices which is important when the part is used in master mode. Active mode turns the part on for normal
operation.
MASTER/SLAVE SELECT
Allows the part to act as a master and supply the clock for
the rest of the system or be a slave to the system clock.
RESOLUTION SET
Sets the resolution to be either 16 or 32 bits of stereo audio
information. For most applications this will be set at 16 bits.
ZERO CROSSING DETECT SET
This pin turns on the zero crossing detection circuit. With this
circuit enabled the part will not allow a volume step change,
or shutdown mode, or standby mode to occur until the audio
input signal passes through zero. This pin should be set to
on for most applications.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com