Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4921 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4921
Description  Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4921 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4921 Datasheet HTML 4Page - National Semiconductor (TI) LM4921 Datasheet HTML 5Page - National Semiconductor (TI) LM4921 Datasheet HTML 6Page - National Semiconductor (TI) LM4921 Datasheet HTML 7Page - National Semiconductor (TI) LM4921 Datasheet HTML 8Page - National Semiconductor (TI) LM4921 Datasheet HTML 9Page - National Semiconductor (TI) LM4921 Datasheet HTML 10Page - National Semiconductor (TI) LM4921 Datasheet HTML 11Page - National Semiconductor (TI) LM4921 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Typical Performance Characteristics
THD+N vs Output Power
THD+N vs Output Power
200486G9
Analog V
DD = 5V, Digital VDD =3V
R
L =32
Ω, 44.1 kHz Sample Rate
R & L Channels, Vol = 3dB, Frequency in = 1kHz
200486G8
Analog V
DD = 3V, Digital VDD =3V
R
L =32
Ω, 44.1 kHz Sample Rate
R & L Channels Shown, Vol = 3dB, Frequency in = 1kHz
THD+N vs Output Power
THD+N vs Frequency
200486G7
Analog V
DD = 2.6V, Digital VDD = 2.6V
R
L =32
Ω, 44.1 kHz Sample Rate
R & L Channels Shown, Vol = 3dB, Frequency in = 1kHz
200486G6
Analog V
DD = 5V, Digital VDD =3V
R
L =32
Ω, Power Level = 50mW
R & L Channels Shown, 44.1kHz Sample Rate
THD+N vs Frequency
THD+N vs Frequency
200486G5
Analog V
DD = 3V, Digital VDD =3V
R
L =32
Ω, Power Level = 12mW
R & L Channels Shown, 44.1kHz Sample Rate
200486G4
Analog V
DD = 2.6V, Digital VDD = 2.6V
R
L =32
Ω, Power Level = 12mW
R & L Channels Shown, 44.1kHz Sample Rate
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com