Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4921 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4921
Description  Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4921 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4921 Datasheet HTML 1Page - National Semiconductor (TI) LM4921 Datasheet HTML 2Page - National Semiconductor (TI) LM4921 Datasheet HTML 3Page - National Semiconductor (TI) LM4921 Datasheet HTML 4Page - National Semiconductor (TI) LM4921 Datasheet HTML 5Page - National Semiconductor (TI) LM4921 Datasheet HTML 6Page - National Semiconductor (TI) LM4921 Datasheet HTML 7Page - National Semiconductor (TI) LM4921 Datasheet HTML 8Page - National Semiconductor (TI) LM4921 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM4921
Low Voltage I
2S 16-Bit Stereo DAC with Stereo
Headphone Power Amplifiers and Volume Control
General Description
The LM4921 combines a 16-bit resolution stereo I
2S input
digital-to-analog converter (DAC) with a stereo headphone
audio power amplifier. It is primarily designed for demanding
applications in mobile phones and other portable communi-
cation device applications. The LM4921 features an I
2S
serial interface for the digital audio information and a 16-bit
SPI serial interface for internal register control and commu-
nication. With AV
DD and DVDD = 3.0VDC and driving a 32
Ω
single-ended load to a 26mW
RMS output level the distortion
(THD+N) of the LM4921 will be less than 0.5%. The LM4921
also features a programmable 32-step digital volume control
accessed through an SPI interface.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. It is, therefore, ideally suited for mo-
bile phone and other low voltage applications where minimal
power consumption is a primary requirement.
The LM4921 features a low-power consumption shutdown
mode, and also has an internal thermal shutdown protection
mechanism.
Key Specifications
j PSRR at 217Hz, A/DVDD = 3V, (Fig. 1)
52dB (typ)
j POUT at AVDD = 3.0V, 32
Ω
< 0.05% THD
13mW (typ)
< 0.5% THD
26mW (typ)
j Supply voltage range
DV
DD
2.6V to 5.0V
AV
DD (Note 8)
2.6V to 5.5V
j Shutdown current
1µA (typ)
Features
n
16-bit resolution stereo DAC
n
I
2S digital audio data serial interface
n
SPI serial interface (control register)
n
Volume Control (32 steps; 1.5 dB increments)
n
Up to 50mW/channel stereo headphone amplifier
n
Zero Crossing Detection for Silent Attenuation Steps
n
2.6V
DC to 5.0VDC digital supply voltage range
n
2.6V
DC to 5.5VDC analog supply voltage range (Note 8)
n
Unity-gain stable headphone amplifiers
n
Available in the 20-bump microSMD package
Applications
n
Mobile phones
n
PDAs
n
Portable electronic devices
Boomer® is a registered trademark of National Semiconductor Corporation.
November 2004
© 2004 National Semiconductor Corporation
DS200486
www.national.com


Similar Part No. - LM4921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4921 TI2-LM4921 Datasheet
640Kb / 27P
LM4921 Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
REVISED MAY 2013
LM4921ITL/NOPB TI1-LM4921ITL/NOPB Datasheet
1Mb / 26P
LM4921 Low Voltage I2S 16-Bit Stereo DAC
LM4921ITL/NOPB TI2-LM4921ITL/NOPB Datasheet
640Kb / 27P
LM4921 Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
REVISED MAY 2013
LM4921ITL/NOPB.A TI2-LM4921ITL/NOPB.A Datasheet
640Kb / 27P
LM4921 Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
REVISED MAY 2013
LM4921ITLX TI1-LM4921ITLX Datasheet
1Mb / 26P
LM4921 Low Voltage I2S 16-Bit Stereo DAC
More results

Similar Description - LM4921

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334 Datasheet
608Kb / 17P
16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
logo
MOSA ELECTRONICS
MS6821 MOSA-MS6821 Datasheet
880Kb / 26P
4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
MS6821 MOSA-MS6821_1 Datasheet
704Kb / 29P
4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
logo
Texas Instruments
LM4921ITLX TI1-LM4921ITLX Datasheet
1Mb / 26P
LM4921 Low Voltage I2S 16-Bit Stereo DAC
logo
Realtek Semiconductor C...
ALC5628 REALTEK-ALC5628 Datasheet
802Kb / 45P
I2S/PCM STEREO DAC WITH HEADPHONE
logo
ESS Technology,Inc
ES9219 ESS-ES9219 Datasheet
1Mb / 67P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
February 27, 2020
ES9218P ESS-ES9218P Datasheet
2Mb / 101P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com