Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4921 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4921
Description  Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4921 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4921 Datasheet HTML 3Page - National Semiconductor (TI) LM4921 Datasheet HTML 4Page - National Semiconductor (TI) LM4921 Datasheet HTML 5Page - National Semiconductor (TI) LM4921 Datasheet HTML 6Page - National Semiconductor (TI) LM4921 Datasheet HTML 7Page - National Semiconductor (TI) LM4921 Datasheet HTML 8Page - National Semiconductor (TI) LM4921 Datasheet HTML 9Page - National Semiconductor (TI) LM4921 Datasheet HTML 10Page - National Semiconductor (TI) LM4921 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Electrical Characteristics-Digital Inputs DV
DD = 3.0V (Notes 1, 2)
The following specifications apply for the circuit shown in Figure 1 unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4921
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 9)
Resolution
16
Bits
I
2S
Audio Data Interface Format
Standard, I
2S, Left Justified
f
MCLK
Master Clock Frequency
11.2896
(256FS)
MHz
f
CONV
Sampling Clock Frequency Range
44.1
48
kHz
V
IL
Digital Input: Logic Low Voltage
Level
0.3XDV
DD
V (max)
V
IH
Digital Input: Logic High Voltage
Level
0.7XDV
DD
V (min)
t
ES
SPI_ENB Setup Time
20
ns (min)
t
EH
SPI_ENB Hold Time
20
ns (min)
t
EL
SPI_ENB Low Time
30
ns (min)
t
DS
SPI_Data Setup Time
20
ns (min)
t
DH
SPI_Data Hold Time
20
ns (min)
t
CS
SPI_CLK Setup Time
20
ns (min)
t
CH
SPI_CLK High Pulse Width
100
ns (min)
t
CL
SPI_CLK Low Pulse Width
100
ns (min)
f
CLK
SPI_CLK Frequency
5
MHz (max)
t
CLKI2SI
2S_CLK Period
50
ns (min)
t
HII2SI
2S_CLK High Pulse Width
20
ns (min)
t
LOI2S
I
2S_CLK Low Pulse Width
20
ns (min)
I
2S_LRCLK Duty Cycle
50
%
t
SLRCLK
I
2S_LRCLK to I2S_CLK Setup Time
20
ns (min)
t
HLRCLK
I
2S_LRCLK to I2S_CLK Hold Time
20
ns (min)
t
SDI2SI
2S_Data to I2S_CLK Setup Time
20
ns (min)
t
HDI2SI
2S_Data to I2S_CLK Hold Time
20
ns (min)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 2: All voltages are measured with respect to the GND pin, unless otherwise specified.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever is lower.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model, 220pF – 240pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Best operation is achieved by maintaining 3.0V
≤ AVDD ≤ 5.0V and 3.0V ≤ DVDD ≤ 5.0V.
Note 9: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com