Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4921 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4921
Description  Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4921 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4921 Datasheet HTML 8Page - National Semiconductor (TI) LM4921 Datasheet HTML 9Page - National Semiconductor (TI) LM4921 Datasheet HTML 10Page - National Semiconductor (TI) LM4921 Datasheet HTML 11Page - National Semiconductor (TI) LM4921 Datasheet HTML 12Page - National Semiconductor (TI) LM4921 Datasheet HTML 13Page - National Semiconductor (TI) LM4921 Datasheet HTML 14Page - National Semiconductor (TI) LM4921 Datasheet HTML 15Page - National Semiconductor (TI) LM4921 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Application Information (Continued)
VOLUME CONTROL
The internal Stereo Volume Control is set by changing bits 7 through 11 in the SPI interface, as shown in table 3 below. The zero
dB setting is for 3V VDD operation and the +3dB is for 5V VDD.
Table 3. Volume Control Settings
Gain (dB)
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
HP_L & HP_R
-43.5
0
0
0
0
0
-42.0
0
0
0
0
1
-40.5
0
0
0
1
0
-39.0
0
0
0
1
1
-37.5
0
0
1
0
0
-36.0
0
0
1
0
1
-34.5
0
0
1
1
0
-33.0
0
0
1
1
1
-31.5
0
1
0
0
0
-30.0
0
1
0
0
1
-28.5
0
1
0
1
0
-27.0
0
1
0
1
1
-25.5
0
1
1
0
0
-24.0
0
1
1
0
1
-22.5
0
1
1
1
0
-21.0
0
1
1
1
1
-19.5
1
0
0
0
0
-18.0
1
0
0
0
1
-16.5
1
0
0
1
0
-15.0
1
0
0
1
1
-13.5
1
0
1
0
0
-12.0
1
0
1
0
1
-10.5
1
0
1
1
0
-9.0
1
0
1
1
1
-7.5
1
1
0
0
0
-6.0
1
1
0
0
1
-4.5
1
1
0
1
0
-3.0
1
1
0
1
1
-1.5
1
1
1
0
0
0.0
1
1
1
0
1
1.5
1
1
1
1
0
3.0
1
1
1
1
1
BYPASS CHARGE RATE BIT 12
This control pin allows the user to change the Bypass Ca-
pacitor’s charge rate by a factor of two. Setting this bit at
zero will set the circuit to it’s normal 1x rate. Setting the bit to
High will double the charge rate and allow the part to turn on
faster with a slight degradation in turn on click/pop noise.
BITS 5, 13,14, and 15
Bits 13, 14, and 15 are all reserve bits and must be set to
low/zero/ground.
Bit 5 must be set High.
SPI CONTROL INTERFACE BUS (J1)
SPI DATA: This is the serial data pin.
SPI CLK: This is the clock input pin.
SPI ENABLE: This is the SPI enable pin.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com