Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45116 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC45116
Description  20V/6A DC/DC Power Module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45116 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC45116 Datasheet HTML 17Page - Microchip Technology MIC45116 Datasheet HTML 18Page - Microchip Technology MIC45116 Datasheet HTML 19Page - Microchip Technology MIC45116 Datasheet HTML 20Page - Microchip Technology MIC45116 Datasheet HTML 21Page - Microchip Technology MIC45116 Datasheet HTML 22Page - Microchip Technology MIC45116 Datasheet HTML 23Page - Microchip Technology MIC45116 Datasheet HTML 24Page - Microchip Technology MIC45116 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
 2016 Microchip Technology Inc.
DS20005571A-page 21
MIC45116
FIGURE 4-4:
MIC45116-1 Control Loop
(Discontinuous Mode).
During discontinuous mode, the bias current of most
circuits is substantially reduced. As a result, the total
power supply current during discontinuous mode is
only about 350 µA, allowing the MIC45116-1 to achieve
high efficiency in light load applications.
4.3
Soft-Start
Soft-start reduces the input power supply surge current
at startup by controlling the output voltage rise time.
The input surge appears while the output capacitor is
charged up.
The MIC45116 implements an internal digital soft-start
by making the 0.8V reference voltage VREF ramp from
0 to 100% in about 3 ms with 9.7 mV steps. Therefore,
the output voltage is controlled to increase slowly by a
stair-case VFB ramp. Once the soft-start cycle ends, the
related circuitry is disabled to reduce current
consumption. PVDD must be powered up at the same
time or after VIN to make the soft-start function
correctly.
4.4
Current Limit
The MIC45116 uses the RDS(ON) of the low-side
MOSFET and external resistor connected from the ILIM
pin to SW node to set the current limit.
In each switching cycle of the MIC45116, the inductor
current is sensed by monitoring the low-side MOSFET
in the OFF period. The sensed voltage VLIM is
compared with the power ground (PGND) after a
blanking time of 150 ns. In this way the drop voltage
over the resistor R26 (VCL) is compared with the drop
over the bottom FET generating the short current limit.
The small capacitor (C16) connected from the ILIM pin
to PGND filters the switching node ringing during the
off-time allowing a better short-limit measurement. The
time constant created by R26 and C16 should be much
less than the minimum off time.
FIGURE 4-5:
MIC45116 Current-Limiting
Circuit.
The VCL drop allows short-limit programming based on
the value of the resistor (R26). If the absolute value of
the voltage drop on the bottom FET becomes greater
than VCL, and the VILIM falls below PGND, an
overcurrent is triggered causing the IC to enter hiccup
mode. The hiccup sequence including the soft-start
reduces the stress on the switching FETs and protects
the load and supply for severe short conditions.
The short-circuit current limit can be programmed by
using Equation 4-3.
EQUATION 4-3:
ESTIMATED ON-TIME
I
L CROSSES 0 AND VFB > 0.8
DISCONTINUOUS MODE STARTS
I
L
V
FB
V
REF
0
ZC
DH
DL
V
FB < 0.8. WAKE UP FROM
DISCONTINUOUS MODE
PVIN
SW
FB
MIC45116
BST
C5
PGND
ILIM
CS
R26
C16
SW
VIN
R26
I
CLIM
I
LPP

+0.5
0.1
–
 R
DS ON

V
CL
+
I
CL
-------------------------------------------------------------------------------------------------------------------
=
Where:
ICLIM
Desired current limit.
RDS(ON)
On-resistance of low-side power
MOSFET, 16 mΩ typically.
VCL
Current-limit threshold (typical
absolute value is 14 mV).
ICL
Current-limit source current (typical
value is 80 µA).
∆IL(PP)
Inductor current peak-to-peak,
since the inductor is integrated, use
Equation 4-4 to calculate the
inductor ripple current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com