Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45116 Datasheet(PDF) 29 Page - Microchip Technology

Part # MIC45116
Description  20V/6A DC/DC Power Module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45116 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MIC45116 Datasheet HTML 25Page - Microchip Technology MIC45116 Datasheet HTML 26Page - Microchip Technology MIC45116 Datasheet HTML 27Page - Microchip Technology MIC45116 Datasheet HTML 28Page - Microchip Technology MIC45116 Datasheet HTML 29Page - Microchip Technology MIC45116 Datasheet HTML 30Page - Microchip Technology MIC45116 Datasheet HTML 31Page - Microchip Technology MIC45116 Datasheet HTML 32Page - Microchip Technology MIC45116 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
 2016 Microchip Technology Inc.
DS20005571A-page 29
MIC45116
7.2
Solder Paste Stencil Design
(Recommended Stencil Thickness
= 112.5 ±12.5 µm)
The solder stencil aperture openings should be smaller
than the periphery or large PCB exposed pads to
reduce any chance of build-up of excess solder at the
large exposed pad area which can result to solder
bridging.
The suggested reduction of the stencil aperture
opening is typically 0.20 mm smaller than exposed
metal trace.
Please note that a critical requirement is to not
duplicate land pattern of the exposed metal trace as
solder stencil opening because the design and
dimension values are different.
Cyan-colored shaded pad areas indicate exposed
trace keep-out area in Figure 7-2 and Figure 7-3.
FIGURE 7-2:
Solder Stencil Opening.
FIGURE 7-3:
Stack-Up of Pad Layout and
Solder Paste Stencil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com