Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45116 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC45116
Description  20V/6A DC/DC Power Module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45116 Datasheet(HTML) 5 Page - Microchip Technology

  MIC45116 Datasheet HTML 1Page - Microchip Technology MIC45116 Datasheet HTML 2Page - Microchip Technology MIC45116 Datasheet HTML 3Page - Microchip Technology MIC45116 Datasheet HTML 4Page - Microchip Technology MIC45116 Datasheet HTML 5Page - Microchip Technology MIC45116 Datasheet HTML 6Page - Microchip Technology MIC45116 Datasheet HTML 7Page - Microchip Technology MIC45116 Datasheet HTML 8Page - Microchip Technology MIC45116 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
 2016 Microchip Technology Inc.
DS20005571A-page 5
MIC45116
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
VIN = VEN = 12V, VOUT = 3.3V, VBST – VSW = 5V, TJ = +25ºC. Bold values indicate
–40°C ≤ TJ ≤ +125°C, unless otherwise noted. (Note 1).
Symbol
Parameters
Min.
Typ.
Max.
Units
Conditions
Power Supply Input
VIN, PVIN Input Voltage Range
4.75
—
20
V—
IQ
Quiescent Supply Current
(MIC45116-1)
—0.35
0.75
mA
VFB = 1.5V
IQ
Quiescent Supply Current
(MIC45116-2)
—1.03—
mA
VFB = 1.5V
IIN
Operating Current
—
29.4
—
mA
PVIN = VIN = 12V,
VOUT = 1.8V, IOUT = 0A
(MIC45116-2)
ISHDN
Shutdown Supply Current
—
5.3
10
µA
VEN = 0V
5VDD Output
VDD
5VDD Output Voltage
4.8
5.2
5.4
VVIN = 7V to 20V,
I5VDD = 10 mA
UVLO
5VDD UVLO Threshold
3.8
4.2
4.6
VV5VDD Rising
UVLO_HYS
5VDD UVLO Hysteresis
—
400
—
mV
V5VDD Falling
—5VDD Load Regulation
0.6
2
3.6
%
I5VDD = 0 mA to 40 mA
Reference
VFB
Feedback Reference Voltage
0.792
0.8
0.808
V
TJ = 25°C
0.784
0.8
0.816
–40°C ≤ TJ ≤ +125°C
IFB_BIAS
FB Bias Current
—
5
500
nA
VFB = 0.8V
Enable Control
ENHIGH
EN Logic Level High
1.8
——
V
—
ENLOW
EN Logic Level Low
—
—
0.6
V—
ENHYS
EN Hysteresis
—
200
—
mV
—
IENBIAS
EN Bias Current
—
5
10
µA
VEN = 12V
Oscillator
fSW
Switching Frequency
400
600
750
kHz
IOUT = 2A
DMAX
Maximum Duty Cycle
—
85
—
%
—
DMIN
Minimum Duty Cycle
—
0
—
%
VFB = 1V
tOFF(MIN) Minimum Off-Time
140
250
350
ns
—
Soft-Start
tSS
Soft-Start Time
—
3.3
—
ms
FB from 0V to 0.8V
Short-Circuit Protection
VCL
Current-Limit Threshold
–30
–14
0
mV
VFB = 0.79V
VSC
Short-Circuit Threshold
–23
–7
9
mV
VFB = 0V
ICL
Current-Limit Source Current
60
80
100
µA
VFB = 0.79V
ISC
Short-Circuit Source Current
25
35
45
µA
VFB = 0V
Note 1:
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com