Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45116 Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC45116
Description  20V/6A DC/DC Power Module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45116 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC45116 Datasheet HTML 14Page - Microchip Technology MIC45116 Datasheet HTML 15Page - Microchip Technology MIC45116 Datasheet HTML 16Page - Microchip Technology MIC45116 Datasheet HTML 17Page - Microchip Technology MIC45116 Datasheet HTML 18Page - Microchip Technology MIC45116 Datasheet HTML 19Page - Microchip Technology MIC45116 Datasheet HTML 20Page - Microchip Technology MIC45116 Datasheet HTML 21Page - Microchip Technology MIC45116 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
MIC45116
DS20005571A-page 18
 2016 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1, 2, 52
PVIN
Power Input Voltage. Connection to the drain of the internal high-side power
MOSFET. Connect an input capacitor from PVIN to PGND.
4, 44
PVDD
Supply input for the internal power MOSFET drivers. Connect PVDD pins together. Do
not leave floating.
5, 6
BST
Connection to the internal bootstrap circuitry and high-side power MOSFET drive
circuitry. Connect the two BST pins together.
8-10, 48-51
SW
The SW pin connects directly to the switch node. Due to the high-speed switching on
this pin, the SW pin should be routed away from sensitive nodes. The SW pin also
senses the current by monitoring the voltage across the low-side MOSFET during
OFF time.
12-21
VOUT
Output Voltage. Connected to the internal inductor, the output capacitor should be
connected from this pin to PGND as close to the module as possible.
23-25, 27-30,
32-34, 40, 41
NC
Not internally connected.
26, 31, 35, 42,
45
PGND
Power Ground. PGND is the return path for the step-down power module power stage.
The PGND pin connects to the source of internal low-side power MOSFET, the
negative terminals of input capacitors, and the negative terminals of output capacitors.
Signal Ground and Power Ground of MIC45116 are internally connected.
36
FB
Feedback. Input to the transconductance amplifier of the control loop. The FB pin is
referenced to 0.8V. A resistor divider connecting the feedback to the output is used to
set the desired output voltage. Connect the bottom resistor from FB to system ground.
External ripple injection (series R and C) can be connected between FB and SW.
37
PG
Power Good. Open-Drain Output. If used, connect to an external pull-up resistor of at
least 10 kΩ between PG and the external bias voltage.
38
EN
Enable. A logic signal to enable or disable the step-down regulator module operation.
The EN pin is TTL/CMOS compatible. Logic-high = enable, logic-low = disable or
shutdown. EN pin has an internal 1 MΩ (typical) pull-down resistor to GND. Do not
leave floating.
39
VIN
Input for the internal linear regulator. Allows for split supplies to be used when there is
an external bus voltage available. Connect to PVIN for single supply operation.
Bypass with a 0.1 µF capacitor from VIN to PGND.
43
5VDD
Internal +5V Linear Regulator Output. Powered by VIN, 5VDD is the internal supply
bus for the device. In the applications with VIN < +5.5V, 5VDD should be tied to VIN to
bypass the linear regulator.
47
ILIM
Current Limit. Connect a resistor between ILIM and SW to program the current limit.
3, 7, 11, 22, 46
KEEPOUT Depopulated pin positions.
—VOUT ePad VOUT Exposed Pad. Internally connected to VOUT pins. Please see the PCB Layout
Guidelines section.
—
SW ePad SW Exposed Pad. Internally connected to SW pins. Please see the PCB Layout
Guidelines section.
—PGND
ePAD
PGND Exposed Pads. Please see the PCB Layout Guidelines section for the
connection to the system Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com