Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45116 Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC45116
Description  20V/6A DC/DC Power Module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45116 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC45116 Datasheet HTML 18Page - Microchip Technology MIC45116 Datasheet HTML 19Page - Microchip Technology MIC45116 Datasheet HTML 20Page - Microchip Technology MIC45116 Datasheet HTML 21Page - Microchip Technology MIC45116 Datasheet HTML 22Page - Microchip Technology MIC45116 Datasheet HTML 23Page - Microchip Technology MIC45116 Datasheet HTML 24Page - Microchip Technology MIC45116 Datasheet HTML 25Page - Microchip Technology MIC45116 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
MIC45116
DS20005571A-page 22
 2016 Microchip Technology Inc.
The peak-to-peak inductor current ripple is:
EQUATION 4-4:
The MIC45116 has a 1.0 µH inductor integrated into
the module. In case of a hard short, the short limit is
folded down to allow an indefinite hard short on the
output without any destructive effect. It is mandatory to
make sure that the inductor current used to charge the
output capacitance during soft-start is under the folded
short limit; otherwise the supply will go in hiccup mode
and may not finish the soft-start successfully.
With R26 = 1.62 kΩ and C16 = 15 pF, the typical output
current limit is 8A.
I
LPP

V
OUT
V
IN MAX

V
OUT
–

V
IN MAX

f
SW
L
--------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com