Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45116 Datasheet(PDF) 28 Page - Microchip Technology

Part # MIC45116
Description  20V/6A DC/DC Power Module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45116 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MIC45116 Datasheet HTML 24Page - Microchip Technology MIC45116 Datasheet HTML 25Page - Microchip Technology MIC45116 Datasheet HTML 26Page - Microchip Technology MIC45116 Datasheet HTML 27Page - Microchip Technology MIC45116 Datasheet HTML 28Page - Microchip Technology MIC45116 Datasheet HTML 29Page - Microchip Technology MIC45116 Datasheet HTML 30Page - Microchip Technology MIC45116 Datasheet HTML 31Page - Microchip Technology MIC45116 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
MIC45116
DS20005571A-page 28
 2016 Microchip Technology Inc.
7.0
SIMPLIFIED PCB DESIGN
RECOMMENDATIONS
7.1
Periphery I/O Pad Layout and
Large Pad for Exposed Heatsink
The board design should begin with copper/metal pads
that sit beneath the periphery leads of a mounted QFN.
The board pads should extend outside the QFN
package edge a distance of approximately 0.20 mm
per side:
EQUATION 7-1:
After completion of the periphery pad design, the larger
exposed pads will be designed to create the mounting
surface of the QFN exposed heatsink. The primary
transfer of heat out of the QFN will be directly through
the bottom surface of the exposed heatsink. To aid in
the transfer of generated heat into the PCB, the use of
an array of plated through-hole vias beneath the
mounted part is recommended. The typical via hole
diameter is 0.30 mm to 0.35 mm, with center-to-center
pitch of 0.80 mm to 1.20 mm.
FIGURE 7-1:
Package Bottom View vs. PCB Recommended Exposed Metal Trace.
Please note the exposed metal trace is a “mirror image” of the package bottom view.
TotalPadLength
8mm
0.20mm 2sides

8.4mm
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com