Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45116 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC45116
Description  20V/6A DC/DC Power Module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45116 Datasheet(HTML) 1 Page - Microchip Technology

  MIC45116 Datasheet HTML 1Page - Microchip Technology MIC45116 Datasheet HTML 2Page - Microchip Technology MIC45116 Datasheet HTML 3Page - Microchip Technology MIC45116 Datasheet HTML 4Page - Microchip Technology MIC45116 Datasheet HTML 5Page - Microchip Technology MIC45116 Datasheet HTML 6Page - Microchip Technology MIC45116 Datasheet HTML 7Page - Microchip Technology MIC45116 Datasheet HTML 8Page - Microchip Technology MIC45116 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
 2016 Microchip Technology Inc.
DS20005571A-page 1
MIC45116
Features
• Up to 6A Output Current
• >93% Peak Efficiency
• Output Voltage of 0.8V to 85% of Input with ±1%
Accuracy
• Fixed 600 kHz Switching Frequency
• Enable Input and Open-Drain Power Good Output
• HyperLight Load® (MIC45116-1) Improves Light
Load Efficiency
• Hyper Speed Control® (MIC45116-2) Architecture
Enables Fast Transient Response
• Supports Safe Start-Up into Pre-Biased Output
• –40°C to +125°C Junction Temperature Range
• Thermal Shutdown Protection
• Short-Circuit Protection with Hiccup Mode
• Adjustable Current Limit
• Available in 52-Pin 8 mm x 8 mm x 3 mm QFN
Package
Applications
• High Power Density Point-of-Load Conversion
• Servers, Routers, Networking, and Base Stations
• FPGAs, DSP, and Low-Voltage ASIC Power
Supplies
• Industrial and Medical Equipment
General Description
The MIC45116 is a synchronous step-down regulator
module, featuring a unique adaptive ON-time control
architecture. The module incorporates a DC/DC
controller, power MOSFETs, bootstrap diode, bootstrap
capacitor, and an inductor in a single package;
simplifying the design and layout process for the end
user.
This highly integrated solution expedites system
design and improves product time-to-market. The
internal MOSFETs and inductor are optimized to
achieve high efficiency at a low output voltage. The fully
optimized design can deliver up to 6A current under a
wide input voltage range of 4.75V to 20V without
requiring additional cooling.
The MIC45116-1 uses HyperLight Load® (HLL) which
maintains high efficiency under light load conditions by
transitioning to variable frequency, discontinuous-
mode operation. The MIC45116-2 uses Hyper Speed
Control® architecture which enables ultra-fast load
transient response, allowing for a reduction of output
capacitance. The MIC45116 offers 1% output accuracy
that can be adjusted from 0.8V to 85% of the input
(PVIN) with two external resistors. Additional features
include
thermal-shutdown
protection,
adjustable
current
limit,
and
short-circuit
protection.
The
MIC45116 allows for safe start-up into a pre-biased
output.
Typical Application Circuit
MIC45116
8x8x3 QFN
MIC45116
V
IN
C
IN
10k
PVDD
5VDD
PG
PVIN
VIN
EN
PGND
ILIM
SW
FB
VOUT
V
OUT
C
OUT
C
FF
R
FB1
R
FB2
R
INJ
C
INJ
R
LIM
20V/6A DC/DC Power Module


Similar Part No. - MIC45116

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC45116 MICREL-MIC45116 Datasheet
726Kb / 8P
20V/6A/DC-to-DC Power Module
logo
Microchip Technology
MIC45116 MICROCHIP-MIC45116 Datasheet
5Mb / 42P
20V/6A DC/DC Power Module
Rev. B April 2022
MIC45116-1YMP-TR MICROCHIP-MIC45116-1YMP-TR Datasheet
5Mb / 42P
20V/6A DC/DC Power Module
Rev. B April 2022
MIC45116-2YMP-TR MICROCHIP-MIC45116-2YMP-TR Datasheet
5Mb / 42P
20V/6A DC/DC Power Module
Rev. B April 2022
MIC45116 MICROCHIP-MIC45116_V01 Datasheet
5Mb / 42P
20V/6A DC/DC Power Module
Rev. B April 2022
More results

Similar Description - MIC45116

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9006M INTERSIL-ZL9006M Datasheet
1Mb / 30P
Digital DC/DC PMBus 6A Power Module
March 5, 2013
logo
Micrel Semiconductor
MIC45205 MICREL-MIC45205 Datasheet
3Mb / 31P
26V/6A DC-to-DC Power Module
logo
Linear Technology
LTM4603 LINER-LTM4603_15 Datasheet
448Kb / 26P
20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603-1 LINER-LTM4603-1_15 Datasheet
448Kb / 26P
20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
logo
Intersil Corporation
ZL9006MIRZ INTERSIL-ZL9006MIRZ Datasheet
1Mb / 69P
Digital DC/DC PMBus 6A Power Module
October 30, 2014
logo
Micrel Semiconductor
MIC45205 MICREL-MIC45205_15 Datasheet
2Mb / 35P
26V/6A DC-to-DC Power Module
MIC45116 MICREL-MIC45116 Datasheet
726Kb / 8P
20V/6A/DC-to-DC Power Module
logo
Renesas Technology Corp
ZL9006M RENESAS-ZL9006M Datasheet
2Mb / 69P
Digital DC/DC PMBus 6A Power Module
logo
Microchip Technology
MIC45116 MICROCHIP-MIC45116_V01 Datasheet
5Mb / 42P
20V/6A DC/DC Power Module
Rev. B April 2022
MIC45205 MICROCHIP-MIC45205 Datasheet
3Mb / 40P
26V/6A DC/DC Power Module
Revision B (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com