Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIR08152S Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # AUIR08152S
Description  BUFFER GATE DRIVER INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIR08152S Datasheet(HTML) 3 Page - Infineon Technologies AG

  AUIR08152S Datasheet HTML 1Page - Infineon Technologies AG AUIR08152S Datasheet HTML 2Page - Infineon Technologies AG AUIR08152S Datasheet HTML 3Page - Infineon Technologies AG AUIR08152S Datasheet HTML 4Page - Infineon Technologies AG AUIR08152S Datasheet HTML 5Page - Infineon Technologies AG AUIR08152S Datasheet HTML 6Page - Infineon Technologies AG AUIR08152S Datasheet HTML 7Page - Infineon Technologies AG AUIR08152S Datasheet HTML 8Page - Infineon Technologies AG AUIR08152S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AUIR08152S
3
Rev. A8.0
2015-11-09
Static Electrical Characteristics
VCC – Gnd = 15V, VEE – Gnd = -5V, Cboot = 15nF, Ron = Roff = 3Ω, -40 °C < TA < 125 °C unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
VCCUV+
VCC-GND under-voltage rising edge
—
11.7
12.8
V
LPM = X, IN = Vcc, Vee = Gnd;
VCCUV-
VCC-GND under-voltage falling edge
9.6
10.5
—
VCCUVH
VCC-GND under-voltage hysteresis
0.5
1.2
—
VCBUV (*)
VCB under-voltage lockout
2.8
4
5.7
IQGG
Current out of the Gnd pin
—
20
60
µA
IN = X, LPM = X
IQOUTL1
Current flowing into the OUTL pin
—
0
1.5
IN = Vcc,LPM = X,
OUTH = NC, VOUTL
–Gnd = 15V
IQEESW
VEE pin current, IN cycling
—
3
8
mA
IN = 10kHz - 50% duty cycle
LPM = Vcc, CLOAD = 0nF
IQEE0
VEE pin current – output OFF – normal mode
—
1.5
4
IN = Gnd, LPM = Vcc
IQEE1
VEE pin current – output ON – normal mode
—
0.8
1.6
IN = Vcc, LPM = Vcc
IQEELQ0
VEE pin current – output OFF – low power
mode
—
0.6
2.0
IN = Gnd, LPM = Gnd
IQEELQ1
VEE pin current – output ON – low power mode
—
0.8
1.6
IN = Vcc, LPM = Gnd
IQEEUV
VEE pin current at low Vcc supply
—
0.6
1.6
IN = X, LPM = X, VCC<VCCUV-
IQB
CB pin sink current
—
0.5
1
IN = Vcc, LPM = Vcc, VCB-VOUTH = 5.5V
IQOUTH0
OUTH pin sourced current
– normal mode
—
1
3.5
IN = Gnd, LPM = Vcc
OUTH = VEE, OUTL = NC
IQOUTH0LQ
OUTH pin sourced current
– low power mode
—
0.2
0.5
IN = Gnd, LPM = Gnd
OUTH = VEE, OUTL = NC
IBOUTH
CB pin sourced current
– normal mode
30
90
—
IN = Gnd, LPM = Vcc,
OUTL = NC, CB = OUTH = Vee
IBOUTH_pl
CB pin pulsed sourced current
– normal mode
90
200
—
Min pulse length 2us guaranteed by design
IBOUTHLQ
CB pin sourced current
– low power mode
0.5
5
23
IN = Gnd, LPM = Gnd,
OUTL = NC, CB = OUTH = Vee
IOUTH+ /IOUTL-
OUTH /OUTL pins output current capability
10
—
—
A
LPM = X
VOUTL-: t < 100us, VOUTH+: CB charged
Vcc-VinH
IN pin
– output ON voltage
1.5
2.5
—
V
Vcc-Gnd > Vccuv+
Vcc-VinL
IN pin
– output OFF voltage
—
4.5
5.5
VINhys
IN pin voltage hysteresis
1
2
—
Vcc-VLPMH
LPM pin normal mode voltage
1.4
2
—
Vcc-VLPML
LPM pin low power mode voltage
—
3.2
3.8
VLPMhys
LPM pin voltage hysteresis
0.3
1.1
—
IIN15
IN pin sourced current
40
90
180
µA
IN = Gnd
ILPM15
LPM pin sourced current
10
25
50
LPM = Gnd
Rdson OUTH
OUTH transistor Rdson
—
100
200
mΩ
IN = Vcc, Iout 10A, t < 100us,
Gnd = Vee, VCB = VOUTH + 5.5V
Rdson OUTL
OUTL transistor Rdson
—
200
400
-IN = Gnd, Iout = 10A,
t < 100us, Gnd = Vee
IPMOS (*)
OUTH Pulling- up current source
15
30
120
mA
IN = Vcc, LPM = X,
Vcc
– VOUTH = 1.5V
(*)When VCB
– VOUTH < VCB
UV, OUTH pin remaining pulled-up to Vcc is guaranteed for at least 3usec with low impedance (=Ron) via Vdmos
then continuously with larger impedance via Pmos (= Ipmos, see block diagram).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com